Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 17Page - STMicroelectronics STM32MP151D Datasheet HTML 18Page - STMicroelectronics STM32MP151D Datasheet HTML 19Page - STMicroelectronics STM32MP151D Datasheet HTML 20Page - STMicroelectronics STM32MP151D Datasheet HTML 21Page - STMicroelectronics STM32MP151D Datasheet HTML 22Page - STMicroelectronics STM32MP151D Datasheet HTML 23Page - STMicroelectronics STM32MP151D Datasheet HTML 24Page - STMicroelectronics STM32MP151D Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 253 page
background image
DS12500 Rev 3
21/253
STM32MP151A/D
Functional overview
55
NEON
NEON technology can accelerate multimedia and signal processing algorithms such as
video encode/decode, 2D/3D graphics, gaming, audio and speech processing, image
processing, telephony, and sound synthesis. The Cortex-A7 provides an engine that offers
both the performance and functionality of the Cortex-A7 floating-point unit (FPU) and an
implementation of the NEON advanced SIMD instruction set for further acceleration of
media and signal processing functions. The NEON extends the Cortex-A7 processor FPU to
provide a quad-MAC and additional 64-bit and 128-bit register set supporting a rich set of
SIMD operations over 8-, 16- and 32-bit integer and 32-bit floating-point data quantities.
Hardware virtualization
Highly efficient hardware support for data management and arbitration, whereby multiple
software environments and their applications are able to simultaneously access the system
capabilities. This enables the realization of devices that are robust, with virtual environments
that are well isolated from each other.
Optimized L1 caches
Performance and power optimized L1 caches combine minimal access latency techniques
to maximize performance and minimize power consumption.
Integrated L2 cache controller
Provides low-latency and high-bandwidth access to cached memory in high-frequency, or to
reduce the power consumption associated with off-chip memory access.
Cortex-A7 floating-point unit (FPU)
The FPU provides high-performance single and double precision floating-point instructions
compatible with the Arm VFPv4 architecture that is software compatible with previous
generations of Arm floating-point coprocessor.
Snoop control unit (SCU)
The SCU is responsible for managing the interconnect, arbitration, communication, cache to
cache and system memory transfers, cache coherence and other capabilities for the
processor.
This system coherence also reduces software complexity involved in maintaining software
coherence within each OS driver.
Generic interrupt controller (GIC)
Implementing the standardized and architected interrupt controller, the GIC provides a rich
and flexible approach to inter-processor communication and the routing and prioritization of
system interrupts.
Supporting up to 288 independent interrupts, under software control, hardware prioritized,
and routed between the operating system and TrustZone software management layer.
This routing flexibility and the support for virtualization of interrupts into the operating
system, provides one of the key features required to enhance the capabilities of a solution
utilizing a hypervisor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com