Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 63Page - STMicroelectronics STM32MP151D Datasheet HTML 64Page - STMicroelectronics STM32MP151D Datasheet HTML 65Page - STMicroelectronics STM32MP151D Datasheet HTML 66Page - STMicroelectronics STM32MP151D Datasheet HTML 67Page - STMicroelectronics STM32MP151D Datasheet HTML 68Page - STMicroelectronics STM32MP151D Datasheet HTML 69Page - STMicroelectronics STM32MP151D Datasheet HTML 70Page - STMicroelectronics STM32MP151D Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 253 page
background image
DS12500 Rev 3
67/253
STM32MP151A/D
Pinouts, pin description and alternate functions
118
R2
U1
AA1
AA2
PG14
I/O
FT_e
-
TRACED1, LPTIM1_ETR,
SPI6_MOSI, SAI4_D1,
USART6_TX,
QUADSPI_BK2_IO3,
SAI4_SD_A, ETH1_GMII_TXD1/
ETH1_MII_TXD1/
ETH1_RGMII_TXD1/
ETH1_RMII_TXD1, FMC_A25,
LCD_B0, EVENTOUT
-
-
-
W1
Y4
PG1
I/O
FT_e
-
TRACED1, ETH1_GMII_TXD5,
FMC_A11, EVENTOUT
-
R3
U2
AA2
AA1
PG13
I/O
FT_e
-
TRACED0, LPTIM1_OUT,
SAI1_CK2, SAI4_CK1,
SPI6_SCK, SAI1_SCK_A,
USART6_CTS/USART6_NSS,
SAI4_MCLK_A,
ETH1_GMII_TXD0/
ETH1_MII_TXD0/
ETH1_RGMII_TXD0/
ETH1_RMII_TXD0, FMC_A24,
LCD_R0, EVENTOUT
-
-
-
U3
R4
ANA0
A
A
-
-
ADC1_INP0,
ADC1_INN1,
ADC2_INP0,
ADC2_INN1
N3
R3
AB3
AA3
PA0
I/O
FT_ha
-
TIM2_CH1/TIM2_ETR,
TIM5_CH1, TIM8_ETR,
TIM15_BKIN,
USART2_CTS/USART2_NSS,
UART4_TX, SDMMC2_CMD,
SAI2_SD_B, ETH1_GMII_CRS/
ETH1_MII_CRS, EVENTOUT
ADC1_INP16,
WKUP1
-
E5
-
E5
VSS
S
-
-
-
-
-
-
U4
T5
ANA1
A
A
-
-
ADC1_INP1,
ADC2_INP1
T1
U4
AA4
V4
PA1
I/O
FT_ha
-
ETH_CLK, TIM2_CH2,
TIM5_CH2, LPTIM3_OUT,
TIM15_CH1N,
USART2_RTS/USART2_DE,
UART4_RX,
QUADSPI_BK1_IO3,
SAI2_MCLK_B,
ETH1_GMII_RX_CLK/
ETH1_MII_RX_CLK/
ETH1_RGMII_RX_CLK/
ETH1_RMII_REF_CLK, LCD_R2,
EVENTOUT
ADC1_INP17,
ADC1_INN16
Table 7. STM32MP151A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com