Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 68Page - STMicroelectronics STM32MP151D Datasheet HTML 69Page - STMicroelectronics STM32MP151D Datasheet HTML 70Page - STMicroelectronics STM32MP151D Datasheet HTML 71Page - STMicroelectronics STM32MP151D Datasheet HTML 72Page - STMicroelectronics STM32MP151D Datasheet HTML 73Page - STMicroelectronics STM32MP151D Datasheet HTML 74Page - STMicroelectronics STM32MP151D Datasheet HTML 75Page - STMicroelectronics STM32MP151D Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 253 page
background image
Pinouts, pin description and alternate functions
STM32MP151A/D
72/253
DS12500 Rev 3
1B5
G7
1C2
-
VDDCORE
S
-
-
-
-
-
-
Y11
V11
PH6
I/O
FT_h
-
TIM12_CH1, I2C2_SMBA,
SPI5_SCK, ETH1_GMII_RXD2/
ETH1_MII_RXD2/
ETH1_RGMII_RXD2,
MDIOS_MDIO, DCMI_D8,
EVENTOUT
-
1H2 E16
-
G4
VSS
S
-
-
-
-
V4
W6 AB10
AB8
PB8
I/O
FT_fae -
HDP6, TIM16_CH1, TIM4_CH3,
DFSDM1_CKIN7, I2C1_SCL,
SDMMC1_CKIN, I2C4_SCL,
SDMMC2_CKIN, UART4_RX,
SDMMC2_D4,
ETH1_GMII_TXD3/
ETH1_MII_TXD3/
ETH1_RGMII_TXD3,
SDMMC1_D4, DCMI_D6,
LCD_B6, EVENTOUT
-
-
-
-
K9
VDDCORE
S
-
-
-
-
V6
U7
AB9
Y8
PG8
I/O
FT_e
-
TRACED15,
TIM2_CH1/TIM2_ETR,
ETH_CLK, TIM8_ETR,
SPI6_NSS, SAI4_D2,
USART6_RTS/USART6_DE,
USART3_RTS/USART3_DE,
SPDIFRX_IN3, SAI4_FS_A,
ETH1_PPS_OUT, LCD_G7,
EVENTOUT
-
-N5
-
P11
VDD
S
-
-
-
-
U7
V7
AB11
AA9
PG10
I/O
FT_h
-
TRACED10, UART8_CTS,
LCD_G3, SAI2_SD_B,
QUADSPI_BK2_IO2, FMC_NE3,
DCMI_D2, LCD_B2, EVENTOUT
-
-
F5
W3
-
VSS
S
-
-
-
-
1J4
W7
AA9
W11
PE9
I/O
FT_ha
-
TIM1_CH1, DFSDM1_CKOUT,
UART7_RTS/UART7_DE,
QUADSPI_BK2_IO2,
FMC_AD6/FMC_D6, EVENTOUT
-
-
G9
-
-
VDDCORE
S
-
-
-
-
V7
T10 AA11
W10
PE7
I/O
FT_h
-
TIM1_ETR, TIM3_ETR,
DFSDM1_DATIN2, UART7_RX,
QUADSPI_BK2_IO0,
FMC_AD4/FMC_D4, EVENTOUT
-
1C3
F7
-
G6
VSS
S
-
-
-
-
Table 7. STM32MP151A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com