Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 70Page - STMicroelectronics STM32MP151D Datasheet HTML 71Page - STMicroelectronics STM32MP151D Datasheet HTML 72Page - STMicroelectronics STM32MP151D Datasheet HTML 73Page - STMicroelectronics STM32MP151D Datasheet HTML 74Page - STMicroelectronics STM32MP151D Datasheet HTML 75Page - STMicroelectronics STM32MP151D Datasheet HTML 76Page - STMicroelectronics STM32MP151D Datasheet HTML 77Page - STMicroelectronics STM32MP151D Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 253 page
background image
Pinouts, pin description and alternate functions
STM32MP151A/D
74/253
DS12500 Rev 3
V11 W10 AC14
Y11
PG7
I/O
FT_h
-
TRACED5, SAI1_MCLK_A,
USART6_CK,
UART8_RTS/UART8_DE,
QUADSPI_CLK,
QUADSPI_BK2_IO3, DCMI_D13,
LCD_CLK, EVENTOUT
-
1E3 F15
-
G12
VSS
S
-
-
-
-
1F5
-
-
-
VDDCORE
S
-
-
-
-
W11 T12
Y14
W13
PB6
I/O
FT_fha -
TIM16_CH1N, TIM4_CH1,
I2C1_SCL, CEC, I2C4_SCL,
USART1_TX,
QUADSPI_BK1_NCS,
DFSDM1_DATIN5, UART5_TX,
DCMI_D5, EVENTOUT
-
U12 T11 AC13
Y12
PE8
I/O
FT_h
-
TIM1_CH1N, DFSDM1_CKIN2,
UART7_TX, QUADSPI_BK2_IO1,
FMC_AD5/FMC_D5, EVENTOUT
-
V12 V10
Y15
W14
PE10
I/O
FT_ha
-
TIM1_CH2N, DFSDM1_DATIN4,
UART7_CTS,
QUADSPI_BK2_IO3,
FMC_AD7/FMC_D7, EVENTOUT
-
-
H8
1D1
K15
VDDCORE
S
-
-
-
-
V13 T13
Y16
V13
PB2
I/O
FT_ha
-
TRACED4, RTC_OUT2,
SAI1_D1, DFSDM1_CKIN1,
USART1_RX, I2S_CKIN,
SAI1_SD_A,
SPI3_MOSI/I2S3_SDO,
UART4_RX, QUADSPI_CLK,
EVENTOUT
-
-
H10
-
-
VDDCORE
S
-
-
-
-
U13 U12 AA19
V14
PD13
I/O
FT_fha -
LPTIM1_OUT, TIM4_CH2,
I2C4_SDA, I2C1_SDA,
I2S3_MCK, QUADSPI_BK1_IO3,
SAI2_SCK_A, FMC_A18,
EVENTOUT
-
-N7
-
-
VDD
S
-
-
-
-
-
G2
AA12
G14
VSS
S
-
-
-
-
1J8 V16 AB18 AA17
USB_RREF
A
A
-
-
-
-
W12 AA15 AB13
VDD3V3_
USBHS
S-
-
-
-
1H7
-
-
-
VDD3V3_
USB
S-
-
-
-
V10 W13 AC16 AB14
USB_DP2
A
FT_u
-
-
USBH_HS_DP2,
OTG_HS_DP
Table 7. STM32MP151A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com