Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 94Page - STMicroelectronics STM32MP151D Datasheet HTML 95Page - STMicroelectronics STM32MP151D Datasheet HTML 96Page - STMicroelectronics STM32MP151D Datasheet HTML 97Page - STMicroelectronics STM32MP151D Datasheet HTML 98Page - STMicroelectronics STM32MP151D Datasheet HTML 99Page - STMicroelectronics STM32MP151D Datasheet HTML 100Page - STMicroelectronics STM32MP151D Datasheet HTML 101Page - STMicroelectronics STM32MP151D Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 253 page
background image
Port I
PI4
---
TIM8_BKIN
----
PI5
---
TIM8_CH1
----
PI6
---
TIM8_CH2
----
PI7
---
TIM8_CH3
----
PI8
----
----
PI9
HDP1
---
----
PI10
HDP0
---
----
PI11
MCO1
-
-
-
-
I2S_CKIN
-
-
PI12
TRACED0
-
HDP0
-
----
PI13
TRACED1
-
HDP1
-
----
PI14
TRACECLK
---
----
PI15
----
----
Port J
PJ0
TRACED8
---
----
PJ1
TRACED9
---
----
PJ2
TRACED10
---
----
PJ3
TRACED11
---
----
PJ4
TRACED12
---
----
PJ5
TRACED2
-
HDP2
-
----
PJ6
TRACED3
-
HDP3
TIM8_CH2
----
PJ7
TRACED13
-
-
TIM8_CH2N
----
Table 8. Alternate function AF0 to AF7(1) (continued)
Port
AF0AF1
AF2AF3
AF4AF5
AF6
AF7
HDP/SYS/RTC
TIM1/2/16/17/
LPTIM1/SYS/
RTC
SAI1/4/I2C6/
TIM3/4/5/12/
HDP/SYS
SAI4/I2C2/
TIM8/
LPTIM2/3/4/5/
DFSDM1
/SDMMC1
SAI4/
I2C1/2/3/4/5/
USART1/
TIM15/LPTIM2/
DFSDM1/CEC
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/5/6/I2C1/
SDMMC1/3/
CEC
SPI3/I2S3/
SAI1/3/4/
I2C4/UART4/
DFSDM1
SPI2/I2S2/
SPI3/I2S3/
SPI6/
USART1/2/3/6/
UART7/
SDMMC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com