Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 11Page - STMicroelectronics STM32MP151D Datasheet HTML 12Page - STMicroelectronics STM32MP151D Datasheet HTML 13Page - STMicroelectronics STM32MP151D Datasheet HTML 14Page - STMicroelectronics STM32MP151D Datasheet HTML 15Page - STMicroelectronics STM32MP151D Datasheet HTML 16Page - STMicroelectronics STM32MP151D Datasheet HTML 17Page - STMicroelectronics STM32MP151D Datasheet HTML 18Page - STMicroelectronics STM32MP151D Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 253 page
background image
DS12500 Rev 3
15/253
STM32MP151A/D
Description
55
All the devices offer two ADCs, two DACs, a low-power RTC, 12 general-purpose 16-bit
timers, two PWM timers for motor control, five low-power timers, a true random number
generator (RNG). The devices support six digital filters for external sigma delta modulators
(DFSDM). They also feature standard and advanced communication interfaces.
•
Standard peripherals
–Six I2Cs
–
Four USARTs and four UARTs
–
Six SPIs, three I2Ss full-duplex master/slave. To achieve audio class accuracy, the
I2S peripherals can be clocked via a dedicated internal audio PLL or via an
external clock to allow synchronization.
–
Four SAI serial audio interfaces
–
One SPDIF Rx interface
–
Management data input/output slave (MDIOS)
–
Three SDMMC interfaces
–
An USB high-speed Host with two ports two high-speed PHYs and a USB OTG
high-speed with full-speed PHY or high-speed PHY shared with second port of
USB Host.
–
A Gigabit Ethernet interface
–
HDMI-CEC
•
Advanced peripherals including
–
A flexible memory control (FMC) interface
–
A Quad-SPI Flash memory interface
–
A camera interface for CMOS sensors
–
An LCD-TFT display controller
Refer to Table 1: STM32MP151A/D features and peripheral counts for the list of peripherals
available on each part number.
A comprehensive set of power-saving mode allows the design of low-power applications.
The STM32MP151A/D devices are proposed in 4 packages ranging from 257 to 448 balls
with pitch 0.5 mm to 0.8 mm. The set of included peripherals changes with the device
chosen.
These features make the STM32MP151A/D suitable for a wide range of consumer,
industrial, white goods and medical applications.
shows the general block diagram of the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com