Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 14Page - STMicroelectronics STM32MP151D Datasheet HTML 15Page - STMicroelectronics STM32MP151D Datasheet HTML 16Page - STMicroelectronics STM32MP151D Datasheet HTML 17Page - STMicroelectronics STM32MP151D Datasheet HTML 18Page - STMicroelectronics STM32MP151D Datasheet HTML 19Page - STMicroelectronics STM32MP151D Datasheet HTML 20Page - STMicroelectronics STM32MP151D Datasheet HTML 21Page - STMicroelectronics STM32MP151D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 253 page
background image
Description
STM32MP151A/D
18/253
DS12500 Rev 3
FMC
Parallel address/data 8/16-bit
-
4 × CS, up to 4 × 64 Mbyte
No
boot
Parallel AD-Mux 8/16-bit
4 × CS, up to 4 × 64 Mbytes
NAND 8/16-bit
Yes, 1 × CS, SLC, BCH4/8, can be a boot source
Boot
Gigabit Ethernet
-
MII, RMII, GMII, RGMII with
PTP and EEE
-
10/100M Ethernet
MII, RMII with PTP and EEE
LCD-TFT
Parallel interface
up to 24-bit data
(up to 1366×768 60 fps)
-
DMA
3 instances (1 securable), 48 physical channels in total
-
Hash
SHA-256, MD5, HMAC
dual instances (secure and non-secure)
-
True random number generator
True-RNG, dual instances (secure and non-secure)
-
Fuses (one-time programmable)
3072 effective bits (secure, >1500 bits available for user)
-
Camera interface
Bus width
14-bit
-
GPIOs with interrupt (total count)
98
148
176
-
Securable GPIOs
-
8
Wakeup pins
4
6
Tamper pins (active tamper)
2 (1)
3 (1)
DFSDM
8 input channels with 6 filters
-
Up to 16-bit synchronized ADC
2 (up to 3.6/4/4.5/5/6 Msps on 16/14/12/10/8-bit each)
-
Low noise 16 bit (differential)
-
2 (1)
16 bit (differential)
17 (7)
20 (9)
ADC channels in total(2)
17
22
12-bit DAC
2-
Internal ADC/DAC VREF
1.5 V, 1.8 V, 2.048 V, 2.5 V or VREF+ input
-
VREF+ input pin
Yes
1. With inner matrix balls having 0.65 mm pitch to allow optimized PCB routing for supplies.
2. In addition, there is also 6 internal channels for temperature, internal voltage reference, VDDCORE, VBAT/4, DAC1 or DAC2
acquisitions.
Table 1. STM32MP151A/D features and peripheral counts (continued)
Features
TFBGA257
LFBGA354
TFBGA361
LFBGA448



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com