Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 120Page - STMicroelectronics STM32MP151D Datasheet HTML 121Page - STMicroelectronics STM32MP151D Datasheet HTML 122Page - STMicroelectronics STM32MP151D Datasheet HTML 123Page - STMicroelectronics STM32MP151D Datasheet HTML 124Page - STMicroelectronics STM32MP151D Datasheet HTML 125Page - STMicroelectronics STM32MP151D Datasheet HTML 126Page - STMicroelectronics STM32MP151D Datasheet HTML 127Page - STMicroelectronics STM32MP151D Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 253 page
background image
Electrical characteristics
STM32MP151A/D
124/253
DS12500 Rev 3
VDDCORE
Digital core domain
supply voltage
Run mode
(Fmpuss_ck above 650 MHz)(5)
1.30
1.34
1.38
V
Run mode
(Fmpuss_ck up to 650 MHz)
1.18
1.20
1.25
Stop, LP-Stop mode
1.10
1.20
1.25
LPLV-Stop mode
0.85
0.90
1.25(6)
Standby mode
0
0
0.75
VDDA
Analog operating
voltage
ADC used with VREF < 2 V
1.62
-
2
V
ADC used with VREF > 2 V
2
-
3.6
DAC used
1.8
-
3.6
VREFBUF with VREF = 1.5 V(7)
1.8
-
3.6
VREFBUF with VREF = 1.5 V
and ADC used
-
2
VREFBUF with VREF = 1.8 V(8)
2.1
-
3.6
VREFBUF with VREF = 2.048 V
2.35
-
3.6
VREFBUF with VREF = 2.5 V
2.8
-
3.6
ADC, DAC, VREF not used
0
-
3.6
VBAT
Backup operating
voltage
64 KB retention SRAM not used
1.2
-
3.6
V
64 KB retention SRAM used
1.4
VDD3V3_USBFS(9)
USB FS I/O supply
voltage
USB OTG FS used
3
3.3
3.6
V
USB OTG FS not used
0
-
3.6
VDD3V3_USBHS(9)
(10)
USB HS I/O supply
voltage
USBH or USB OTG HS used
3.07
3.3
3.6
V
USBH and USB OTG HS not
used
0
-
3.6
VDD3V3_USB(9)
USB I/O supply
voltage
USB used
3.07
3.3
3.6
V
USB not used
0
-
3.6
VDDQ_DDR(11)
DDR PHY supply
voltage
DDR3 memory
1.425
1.5
1.575
V
DDR3L memory
1.283
1.35
1.45
LPDDR2 or LPDDR3
1.14
1.2
1.3
VDDA1V8_REG
USB HS PHY voltage
supply with 1.8 V
regulator in bypass
mode
BYPASS_REG1V8 = VDD
1.65
1.8
1.95
V
Table 13. General operating conditions (continued)
Symbol
Parameter
Operating conditions
Min.
Typ
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com