Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 131Page - STMicroelectronics STM32MP151D Datasheet HTML 132Page - STMicroelectronics STM32MP151D Datasheet HTML 133Page - STMicroelectronics STM32MP151D Datasheet HTML 134Page - STMicroelectronics STM32MP151D Datasheet HTML 135Page - STMicroelectronics STM32MP151D Datasheet HTML 136Page - STMicroelectronics STM32MP151D Datasheet HTML 137Page - STMicroelectronics STM32MP151D Datasheet HTML 138Page - STMicroelectronics STM32MP151D Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 253 page
background image
IDDCORE
Supply
current in
Run mode
MCU in
CSleep with
WFI (CLK
OFF). All
peripherals
disabled
CStop
CSleep
HSE+HSI+PLL
-
209
59.5
100
295
435
640
mA
HSE+HSI+PLL
-
100
47.5
90
280
420
625
HSE+HSI+PLL
-
64
56
95
290
430
635
HSE+HSI+PLL
-
24
52
90
285
425
630
HSE+HSI+PLL
-
10
38
75
270
410
615
HSE+HSI+PLL
-
4
37
75
270
410
615
HSE+HSI
-
24
26
65
260
400
605
HSI+PLL
-
64
55.5
80
275
415
620
HSI+PLL
-
24
51.5
80
275
410
620
HSI
-
64
30
65
260
400
605
CSI+HSI+PLL
-
64
56
85
275
420
625
CSI+HSI+PLL
-
24
51.5
80
275
415
620
CSI+HSI+PLL
-
4
37
70
265
405
610
CSI+HSI
-
4
23.5
60
255
395
600
1. HSE = 24 MHz, AXI clk (Faxiss_ck) = Max(Fmpuss_ck, 264).
2. Activity on peripherals and bus masters other than processors, could lead to additional power consumption above these values, largely dependent on the amount of
initialized peripherals and their activity.
3. Typical value given with VDDCORE = 1.34 V, maximum values given with VDDCORE = 1.38 V.
Table 20. Current consumption (IDDCORE) in Run mode(1) (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit
-
MPU SS
mode
MCU
SS
mode
Oscillator
MPU
clk
(MHz)
MCU
clk
(MHz)
Tj =
25 °C
Tj =
25 °C
Tj =
85 °C
Tj =
105 °C
Tj =
125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com