Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 144 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 140Page - STMicroelectronics STM32MP151D Datasheet HTML 141Page - STMicroelectronics STM32MP151D Datasheet HTML 142Page - STMicroelectronics STM32MP151D Datasheet HTML 143Page - STMicroelectronics STM32MP151D Datasheet HTML 144Page - STMicroelectronics STM32MP151D Datasheet HTML 145Page - STMicroelectronics STM32MP151D Datasheet HTML 146Page - STMicroelectronics STM32MP151D Datasheet HTML 147Page - STMicroelectronics STM32MP151D Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 253 page
background image
Electrical characteristics
STM32MP151A/D
144/253
DS12500 Rev 3
Figure 16. High-speed external clock source AC timing diagram (analog bypass)
Table 29. High-speed external user clock characteristics
(analog bypass)(1)
1. Guaranteed by design.
Symbol
Parameter
Min
Typ
Max
Unit
fHSE_ext
User external clock source frequency
8
24
48
MHz
duty cycle (Square wave)
45
50
55
%
duty cycle deterioration
0
±10(2)
2. Guaranteed by design with a square wave signal (@25 °C, VDD=3.3 V /VPP = 400 mV / VDC=1 V) where
VDC is the DC component of the input signal.
±20(3)
3. Guaranteed by design with a square wave signal (@25 °C, VDD=1.71 V /VPP = 200 mV / VDC=0.8 V) where
VDC is the DC component of the input signal.
%
VHSE
Absolute input range
0
-
VDD
-
VPP
OSC_IN peak-to-peak amplitude
0.2(4)
4. minimum peak-to-peak amplitude (@25 °C, 0.1<VDC<VDD-0.1 V) where VDC is the DC component of the
input signal.
-0.67×VDD
V
tSU(5)
5. tSU(HSE) is the startup time measured from the moment it is enabled (by software) to a stabilized analog
bypass clock interface is reached. This value is measured with 200 mV peak-to-peak amplitude.
Time to start
-
1
10(6)
6. Maximum start-up time is obtained with 200 mV peak-to-peak amplitude.
µs
tr/tf(HSE)
Rise and Fall time
(10% to 90% threshold levels of the
input peak-to-peak amplitude)
0.05 ×THSE
-0.3 ×THSE
ns
I(HSE)
Power consumption
-
150(7)
7. with a sine wave signal (VPP = 400 mV / VDC=0.4 V) where VDC is the DC component of the input signal.
500(8)
8. with a sine wave signal (VDD = 3.6 V / VPP = 800 mV / VDC = 1.8 V) where VDC is the DC component of the
input signal.
µA
MSv47498V1
VHSE
t
THSE
VPP
STM32
OSC_IN
IL
fHSE_ext
tr(HSE)
90%
10%
External
clock source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com