Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 157 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 157 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 153Page - STMicroelectronics STM32MP151D Datasheet HTML 154Page - STMicroelectronics STM32MP151D Datasheet HTML 155Page - STMicroelectronics STM32MP151D Datasheet HTML 156Page - STMicroelectronics STM32MP151D Datasheet HTML 157Page - STMicroelectronics STM32MP151D Datasheet HTML 158Page - STMicroelectronics STM32MP151D Datasheet HTML 159Page - STMicroelectronics STM32MP151D Datasheet HTML 160Page - STMicroelectronics STM32MP151D Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 253 page
background image
DS12500 Rev 3
157/253
STM32MP151A/D
Electrical characteristics
232
DDR characteristics
DDR3, DDR3L I/O DC specifications
The following table provides input and output DC threshold values and on-die-termination
(ODT) recommended values. The conditions for the output threshold values are un-
terminated outputs loaded with 1 pF capacitor load. The ODT values are measured after
impedance calibration.
LPDDR2, LPDDR3 I/O DC specifications
The following table provides input and output DC threshold values. The conditions for the
output threshold values are un-terminated outputs loaded with 1 pF capacitor load.
6.3.14
EMC characteristics
Susceptibility tests are performed on a sample basis during device characterization.
Table 43. DC specifications – DDR3 or DDR3L mode(1)
Symbol
Parameter
Min
Typ
Max
Unit
VIH(DC)
DC input voltage high
VREF + 0.09
-
VDDQ
V
VIL(DC)
DC input voltage low
VSSQ - 0.3
-
VREF - 0.09
V
VOH
DC output logic high
0.8 × VDDQ
--
V
VOL
DC output logic low
-
-
0.2 × VDDQ
V
RTT
Input termination resistance (ODT) to VDDQ/2
100
54
36
120
60
40
140
66
44
Ω
ILS
Input leakage current, SSTL mode, unterminated
-
0.01
4.8
μA
1. Guaranteed by design.
Table 44. DC specifications – LPDDR2 or LPDDR3 mode(1)
Symbol
Parameter
Min
Typ
Max
Unit
VIH(DC)
DC input voltage high
VREF + 0.13
-
VDDQ
V
VIL(DC)
DC input voltage low
VSSQ
-VREF - 0.13
V
VOH
DC output logic high
0.9 × VDDQ
--
V
VOL
DC output logic low
-
-
0.1 × VDDQ
V
ILEAK
Input leakage current
-
0.01
4.51
μA
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com