Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 221 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 221 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 217Page - STMicroelectronics STM32MP151D Datasheet HTML 218Page - STMicroelectronics STM32MP151D Datasheet HTML 219Page - STMicroelectronics STM32MP151D Datasheet HTML 220Page - STMicroelectronics STM32MP151D Datasheet HTML 221Page - STMicroelectronics STM32MP151D Datasheet HTML 222Page - STMicroelectronics STM32MP151D Datasheet HTML 223Page - STMicroelectronics STM32MP151D Datasheet HTML 224Page - STMicroelectronics STM32MP151D Datasheet HTML 225Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 253 page
background image
DS12500 Rev 3
221/253
STM32MP151A/D
Electrical characteristics
232
MDIOS characteristics
The MDIOS controller is mapped on APB1 domain. The frequency of the APB bus should at
least 1.5 times the MDC frequency: Fpclk1 ≥ 1.5 * FMDC.
Figure 53. MDIOS timing diagram
SD/SDIO MMC card host interface (SDMMC) characteristics
Unless otherwise specified, the parameters given in Table 102 for the SDIO/MMC interface
are derived from tests performed under the ambient temperature, Fhclk6 frequency and VDD
supply voltage conditions summarized in Table 13: General operating conditions, with the
following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5×VDD
•
I/O compensation cell enabled
•
HSLV activated when VDD ≤ 2.7 V
•
Delay block disabled
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output
characteristics.
Table 101. MDIOS timing parameters
Symbol
Parameter
Min
Typ
Max
Unit
FMDC
Management data clock
-
-
30
MHz
td(MDIOS)
Management data input/output output valid time
6.5
8
19
ns
tsu(MDIOS) Management data input/output setup time
1-
-
th(MDIOS)
Management data input/output hold time
0.5
-
-
MSv50900V1
tsu(MDIOS)
TMDC
th(MDIOS)
td(MDIOS)
MDIOS_MDC
MDIOS_MDIO(I)
MDIOS_MDIO(O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com