Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 43Page - STMicroelectronics STM32MP153A Datasheet HTML 44Page - STMicroelectronics STM32MP153A Datasheet HTML 45Page - STMicroelectronics STM32MP153A Datasheet HTML 46Page - STMicroelectronics STM32MP153A Datasheet HTML 47Page - STMicroelectronics STM32MP153A Datasheet HTML 48Page - STMicroelectronics STM32MP153A Datasheet HTML 49Page - STMicroelectronics STM32MP153A Datasheet HTML 50Page - STMicroelectronics STM32MP153A Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 254 page
background image
DS12502 Rev 3
47/254
STM32MP153A/D
Functional overview
55
As long as the supply voltage remains in the operating range, the RTC never stops,
regardless of the device status (Run mode, Low-power mode or under reset).
The RTC unit main features are the following:
•
Calendar with subseconds, seconds, minutes, hours (12 or 24 format), day (day of
week), date (day of month), month, and year.
•
Daylight saving compensation programmable by software.
•
Programmable alarm with interrupt function. The alarm can be triggered by any
combination of the calendar fields.
•
Automatic wakeup unit generating a periodic flag that triggers an automatic wakeup
interrupt.
•
Reference clock detection: a more precise second source clock (50 or 60 Hz) can be
used to enhance the calendar precision.
•
Accurate synchronization with an external clock using the subsecond shift feature.
•
Digital calibration circuit (periodic counter correction): 0.95 ppm accuracy, obtained in a
calibration window of several seconds
•
Timestamp function for event saving
•
Maskable interrupts/events:
–Alarm A
–Alarm B
–
Wakeup interrupt
–Timestamp
•
TrustZone support:
–
RTC fully securable
–
Alarm A, alarm B, wakeup timer and timestamp individual secure or non-secure
configuration
3.36
Tamper and backup registers (TAMP)
32 x 32-bit backup registers are retained in all low-power modes and also in VBAT mode.
They can be used to store sensitive data as their content is protected by an tamper
detection circuit. 3 tamper pins and 5 internal tampers are available for anti-tamper
detection. The external tamper pins can be configured for edge detection, edge and level,
level detection with filtering, or active tamper which increases the security level by auto
checking that the tamper pins are not externally opened or shorted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com