Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 28Page - STMicroelectronics STM32MP153A Datasheet HTML 29Page - STMicroelectronics STM32MP153A Datasheet HTML 30Page - STMicroelectronics STM32MP153A Datasheet HTML 31Page - STMicroelectronics STM32MP153A Datasheet HTML 32Page - STMicroelectronics STM32MP153A Datasheet HTML 33Page - STMicroelectronics STM32MP153A Datasheet HTML 34Page - STMicroelectronics STM32MP153A Datasheet HTML 35Page - STMicroelectronics STM32MP153A Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 254 page
background image
Functional overview
STM32MP153A/D
32/254
DS12502 Rev 3
It is then possible to have two different communication types in each direction.
The IPCC communication data must be located in a common memory, which is not part of
the IPCC block.
3.11.1
IPCC main features
•
Status signaling for the four channels
–
Channel occupied/free flag, also used as lock
•
Two interrupt lines per processor
–
One for RX channel occupied (communication data posted by sending processor)
–
One for TX channel free (communication data retrieved by receiving processor)
•
Interrupt masking per channel
–
Channel occupied mask
–
Channel free mask
•
Two channel operation modes
–
Simplex (each channel has its own communication data memory location)
–
Half duplex (a single channel in associated to a bidirectional communication data
information memory location)
3.12
General-purpose input/outputs (GPIOs)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain,
with or without pull-up or pull-down), as input (with or without pull-up or pull-down) or as
peripheral alternate function. Most of the GPIO pins are shared with digital or analog
alternate functions. All GPIOs are high-current-capable and have speed selection to better
manage internal noise, power consumption and electromagnetic emission.
After reset, all GPIOs are in analog mode to reduce power consumption.
The I/O configuration can be locked if needed by following a specific sequence in order to
avoid spurious writing to the I/Os registers.
Additionally, GPIO pins on port Z can be individually set as secure, which would mean that
software accesses to these GPIOs and associated peripherals defined as secure are
restricted to secure software running on Cortex-A7.
3.13
TrustZone protection controller (ETZPC)
ETZPC is used to configure TrustZone security of bus masters and slaves with
programmable-security attributes (securable resources) such as:
•
On-chip SYSRAM with programmable secure region size
•
AHB and APB peripherals to be made secure
Notice that by default, SYSRAM and peripheral are set to secure access only, so, not
accessible by non-secure masters such as Cortex-M4 or DMA1/DMA2.
ETZPC can also allocate peripherals and SRAM to be accessible only by the Cortex-M4
and/or DMA1/DMA2. This ensures the safe execution of the Cortex-M4 firmware, protected
from other masters (e.g. Cortex-A7) unwanted accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com