Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 61Page - STMicroelectronics STM32MP153A Datasheet HTML 62Page - STMicroelectronics STM32MP153A Datasheet HTML 63Page - STMicroelectronics STM32MP153A Datasheet HTML 64Page - STMicroelectronics STM32MP153A Datasheet HTML 65Page - STMicroelectronics STM32MP153A Datasheet HTML 66Page - STMicroelectronics STM32MP153A Datasheet HTML 67Page - STMicroelectronics STM32MP153A Datasheet HTML 68Page - STMicroelectronics STM32MP153A Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 254 page
background image
DS12502 Rev 3
65/254
STM32MP153A/D
Pinouts, pin description and alternate functions
118
E2
J1
M3
R2
NRST
I/O
RST
-
-
-
J3
J2
M4
R1
NRST_CORE
I
RST
-
-
-
H3
K1
N1
N3
BOOT0
I
FTPD
-
-
-
K3
K4
N4
N4
BOOT1
I
FTPD
-
-
-
H1
L2
M2
P4
BOOT2
I
FTPD
-
-
-
H2
M1
P1
T1
PH0-OSC_IN
I/O
FT
-
EVENTOUT
OSC_IN
-
-
-
J8
VDDCORE
S
-
-
-
-
J2
M2
P2
T2
PH1-
OSC_OUT
I/O
FT
-
EVENTOUT
OSC_OUT
-
D8
-
C20
VSS
S
-
-
-
-
M2
L1
R2
V1
PWR_ON
O
FT
-
-
PWR_ONLP
K1
P1
N3
U1
PWR_LP
O
FT
-
-
-
K2
N1
T3
U2
PDR_ON_
CORE
IFT
-
-
-
L3
N2
R3
V2
PDR_ON
I
FT
-
-
-
-
L3
1G2
N5
VDD_ANA
S
-
-
-
-
-
L4
1G1
P5
VSS_ANA
S
-
-
-
-
L2
P2
N2
W3
PA13
I/O
FT_a
-
DBTRGO, DBTRGI, MCO1,
UART4_TX, EVENTOUT
BOOTFAILN
L1
R1
T2
R3
PA14
I/O
FT_a
-
DBTRGO, DBTRGI, MCO2,
EVENTOUT
-
-
-
P4
T3
PI11
I/O
FT
-
MCO1, I2S_CKIN, LCD_G6,
EVENTOUT
WKUP5
-
-
T1
W1
PI10
I/O
FT
-
HDP0,
USART3_CTS/USART3_NSS,
ETH1_GMII_RX_ER/
ETH1_MII_RX_ER,
LCD_HSYNC, EVENTOUT
-
-L7
1G4
-
VDD
S
-
-
-
-
W5
E2
F21
-
VSS
S
-
-
-
-
-
F8
-
-
VDDCORE
S
-
-
-
-
1F1
M4
1H1
R5
VDDA
S
-
-
-
-
1F2
-
-
-
VDDA
S
-
-
-
-
M3
N3
R4
P6
VREF+
S
-
-
-
-
1G1
N4
1H2
R6
VSSA
S
-
-
-
-
-
P5
-
T6
VSSA
S
-
-
-
-
Table 7. STM32MP153A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com