Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 52Page - STMicroelectronics STM32MP153A Datasheet HTML 53Page - STMicroelectronics STM32MP153A Datasheet HTML 54Page - STMicroelectronics STM32MP153A Datasheet HTML 55Page - STMicroelectronics STM32MP153A Datasheet HTML 56Page - STMicroelectronics STM32MP153A Datasheet HTML 57Page - STMicroelectronics STM32MP153A Datasheet HTML 58Page - STMicroelectronics STM32MP153A Datasheet HTML 59Page - STMicroelectronics STM32MP153A Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 254 page
background image
Pinouts, pin description and alternate functions
STM32MP153A/D
56/254
DS12502 Rev 3
4
Pinouts, pin description and alternate functions
Figure 5. STM32MP153A/DADxx TFBGA257 pinout
The above figure shows the package top view.
MSv47441V2
PB7
PC6
VSS
PD3
PC8
PE4
DNU
DNU
JTDO-
TRACES
WO
JTCK-
SWCLK
VSS
DDR_
DQ0
DDR_
DQ1
PD7
PA15
PG6
PB4
PE5
PA8
PC9
PC10
DNU
DNU
NJTRST
DNU
JTDI
DDR_
DQ3
DDR_
DQS0P
DDR_
DQ7
DDR_
DQS0N
PD4
PD5
PD0
PA9
PB3
PB15
PB9
PC7
DNU
VDD_
Unused
VSS
PC11
JTMS-
SWDIO
DDR_
RESETN
DDR_
DQ6
DDR_
DQM0
DDR_
DQ2
DDR_A7
VDDQ_
DDR
DDR_A5
VDDQ_
DDR
DDR_
RASN
VDDQ_
DDR
DDR_A6
VSS
PE15
DDR_
DQ5
DDR_
DQ4
VSS
PE13
DDR_A9
DDR_A13
VSS
DDR_A3
VSS
DDR_A2
PC13
DDR_
BA0
DDR_A0
VSS
BOOT0
DDR_
ODT
DDR_
BA2
NRST_
CORE
DDR_
CASN
DDR_
WEN
DDR_
CSN
BOOT1
VSS
DDR_
CLKN
VSS
PDR_ON
DDR_A15
DDR_
CLKP
VREF+
DDR_A1
DDR_A12
DDR_A10
PA0
DDR_A11
DDR_A14
VSS
PC3
DDR_
BA1
DDR_
CKE
PG13
VSS
DDR_
DQ8
DDR_A4
PA2
DDR_
DQ10
DDR_
DQ13
DDR_A8
PB11
PC0
PB10
PG11
PG10
PD11
VSS
PF6
PE8
PD13
PD12
BYPASS
_REG1V8
PA11
PA10
DDR_
DQ9
DDR_
DQ14
DDR_
DQS1N
PB12
PB8
PB5
PG8
PE7
PF8
PF9
USB_
DP2
PE10
PB2
USB_
DP1
PG7
PA12
OTG_
VBUS
DDR_
DQS1P
DDR_
DQ15
DDR_
DQM1
PA6
PF11
VSS
PF7
PG9
USB_
DM2
VSS
USB_
DM1
PB6
DDR_
VREF
VSS
DDR_
DQ12
DDR_
DQ11
VSS
PG15
PE12
PG12
PD8
VSS
BOOT2
PWR_LP
PA14
VSS
PE2
PA1
PB1
PC5
VSS
PD1
PE6
PE0
PE11
NRST
PC15-
OSC32_
OUT
PC14-
OSC32_
IN
PH0-
OSC_IN
PH1-
OSC_
OUT
PDR_ON
_CORE
PA13
PWR_ON
PA3
PC2
PG14
PC1
PB0
PC4
PA7
DDR_ZQ
VDD1V2_
Unused
VSS
PD2
PB14
PE3
PD10
PE1
VSS
VDD1V2_
Unused
VDDA
1V8_
Unused
VDD
CORE
PC12
VDD
CORE
PE14
PD6
DDR_
DTO1
VSS
VDD
CORE
VSS
VDD
CORE
VSS
PD15
PD9
DDR_
DTO0
VDD
CORE
VSS
VDD
CORE
VSS
VDD
CORE
VSS
VBAT
VDD
CORE
VSS
VDD
CORE
VSS
VDD
CORE
VSS
VDD
PD14
DDR_
ATO
VDD
CORE
VSS
VDD
CORE
VSS
VDD
VDDA
VDDA
VDD
CORE
VSS
VDD
CORE
VSS
VDD
VDD
VSS
VSSA
VSS
VDD
3V3_
USB
VSS
VDDA
1V8_
REG
VSS
VSS
VSS
PA5
USB_
RREF
PF10
VDDA
1V1_
REG
VSS
PE9
VDD
PB13
PA4
19
2345678
VDDQ_
DDR
1A
1B
1C
1D
1E
1F
1G
1H
1J
19
13
18
17
12
11
10
9
8
7
6
5
4
16
15
14
13
2
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com