Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 69Page - STMicroelectronics STM32MP153A Datasheet HTML 70Page - STMicroelectronics STM32MP153A Datasheet HTML 71Page - STMicroelectronics STM32MP153A Datasheet HTML 72Page - STMicroelectronics STM32MP153A Datasheet HTML 73Page - STMicroelectronics STM32MP153A Datasheet HTML 74Page - STMicroelectronics STM32MP153A Datasheet HTML 75Page - STMicroelectronics STM32MP153A Datasheet HTML 76Page - STMicroelectronics STM32MP153A Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 254 page
background image
DS12502 Rev 3
73/254
STM32MP153A/D
Pinouts, pin description and alternate functions
118
U8
V8
AC10
AB9
PD11
I/O
FT_h
-
LPTIM2_IN2, I2C4_SMBA,
I2C1_SMBA,
USART3_CTS/USART3_NSS,
QUADSPI_BK1_IO0,
SAI2_SD_A,
FMC_A16/FMC_CLE,
EVENTOUT
-
1D5 G11
1C4
-
VDDCORE
S
-
-
-
-
W7
W8 AB12 AA10
PF7
I/O
FT_ha
-
TIM17_CH1, SPI5_SCK,
SAI1_MCLK_B, UART7_TX,
QUADSPI_BK1_IO2, EVENTOUT
-
V8
U10 AC11 AB10
PF8
I/O
FT_ha
-
TRACED12, TIM16_CH1N,
SPI5_MISO, SAI1_SCK_B,
UART7_RTS/UART7_DE,
TIM13_CH1,
QUADSPI_BK1_IO0, EVENTOUT
-
-
-
-
K11
VDDCORE
S
-
-
-
-
1J7
U9
Y12
V12
PF10
I/O
FT_h
-
TIM16_BKIN, SAI1_D3, SAI4_D4,
SAI1_D4, QUADSPI_CLK,
SAI4_D3, DCMI_D11, LCD_DE,
EVENTOUT
-
-
F9
AA5
G8
VSS
S
-
-
-
-
U10
V9
AA13 AA11
PF6
I/O
FT_ha
-
TIM16_CH1, SPI5_NSS,
SAI1_SD_B, UART7_RX,
QUADSPI_BK1_IO3,
SAI4_SCK_B, EVENTOUT
-
-
H4
-
-
VDDCORE
S
-
-
-
-
U14 U11
Y18
W12
PD12
I/O
FT_fha -
LPTIM1_IN1, TIM4_CH1,
LPTIM2_IN1, I2C4_SCL,
I2C1_SCL,
USART3_RTS/USART3_DE,
QUADSPI_BK1_IO1,
SAI2_FS_A,
FMC_A17/FMC_ALE,
EVENTOUT
-
-
F11
AA8
G10
VSS
S
-
-
-
-
V9
W9 AA14 AB11
PF9
I/O
FT_ha
-
TRACED13, TIM17_CH1N,
SPI5_MOSI, SAI1_FS_B,
UART7_CTS, TIM14_CH1,
QUADSPI_BK1_IO1, EVENTOUT
-
-
H6
1C6
K13
VDDCORE
S
-
-
-
-
Table 7. STM32MP153A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com