Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 19Page - STMicroelectronics STM32MP153A Datasheet HTML 20Page - STMicroelectronics STM32MP153A Datasheet HTML 21Page - STMicroelectronics STM32MP153A Datasheet HTML 22Page - STMicroelectronics STM32MP153A Datasheet HTML 23Page - STMicroelectronics STM32MP153A Datasheet HTML 24Page - STMicroelectronics STM32MP153A Datasheet HTML 25Page - STMicroelectronics STM32MP153A Datasheet HTML 26Page - STMicroelectronics STM32MP153A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 254 page
background image
DS12502 Rev 3
23/254
STM32MP153A/D
Functional overview
55
3.3
Memories
3.3.1
External SDRAM
The STM32MP153A/D devices embed a controller for external SDRAM which support the
following devices
•
LPDDR2 or LPDDR3, 16- or 32-bit data, up to 1 Gbyte, up to 533 MHz clock.
•
DDR3 or DDR3L, 16- or 32-bit data, up to 1 Gbyte, up to 533 MHz clock.
3.3.2
Embedded SRAM
All devices feature:
•
SYSRAM in MPU domain: 256 Kbytes
•
SRAM1 in MCU domain: 128 Kbytes
•
SRAM2 in MCU domain: 128 Kbytes
•
SRAM3 in MCU domain: 64 Kbytes
•
SRAM4 in MCU domain: 64 Kbytes
•
RETRAM (retention RAM): 64 Kbytes
The content of this area can be retained in Standby or VBAT mode.
•
BKPSRAM (backup SRAM): 4 Kbytes
The content of this area is protected against possible unwanted write accesses, and
can be retained in Standby or VBAT mode.
BKPSRAM can be defined (in ETZPC) as accessible by secure software only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com