Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 51Page - STMicroelectronics STM32MP153A Datasheet HTML 52Page - STMicroelectronics STM32MP153A Datasheet HTML 53Page - STMicroelectronics STM32MP153A Datasheet HTML 54Page - STMicroelectronics STM32MP153A Datasheet HTML 55Page - STMicroelectronics STM32MP153A Datasheet HTML 56Page - STMicroelectronics STM32MP153A Datasheet HTML 57Page - STMicroelectronics STM32MP153A Datasheet HTML 58Page - STMicroelectronics STM32MP153A Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 254 page
background image
DS12502 Rev 3
55/254
STM32MP153A/D
Functional overview
55
hash filter, Layer 3 filtering on IP source (SA) or destination (DA) address, Layer 4
filtering on source (SP) or destination (DP) port
–
Double VLAN processing: insertion of up to two VLAN tags in transmit path, tag
filtering in receive path
–
IEEE 1588-2008/PTPv2 support
–
Supports network statistics with RMON/MIB counters (RFC2819/RFC2665)
•
Hardware offload processing
–
Preamble and start-of-frame data (SFD) insertion or deletion
–
Integrity Checksum offload engine for IP header and TCP/UDP/ICMP payload:
transmit checksum calculation and insertion, receive checksum calculation and
comparison
–
Automatic ARP request response with the device's MAC address
–
TCP Segmentation: Automatic split of large transmit TCP packet into multiple
small packets
•
Low-power mode
–
Energy efficient Ethernet (Standard IEEE 802.3az-2010)
–
Remote wakeup packet and AMD Magic Packet™ detection
3.48
High-definition multimedia interface (HDMI) – Consumer
electronics control (CEC)
The device embeds a HDMI-CEC controller that provides hardware support for the
consumer electronics control (CEC) protocol (supplement 1 to the HDMI standard).
This protocol provides high-level control functions between all audiovisual products in an
environment. It is specified to operate at low speeds with minimum processing and memory
overhead. It has a clock domain independent from the CPU clock, allowing the HDMI-CEC
controller to wake up the STM32MP153A/D from Stop mode on data reception.
3.49
Debug infrastructure
The devices offer a comprehensive set of debug and trace features to support software
development and system integration.
•
Breakpoint debugging
•
Code execution tracing
•
Software instrumentation
•
JTAG debug port
•
Serial-wire debug port
•
Trigger input and output
•
Serial-wire trace port
•
Trace port
•
Arm® CoreSight™ debug and trace components
The debug can be controlled via a JTAG/serial-wire debug access port, using industry
standard debugging tools.
A trace port allows data to be captured for logging and analysis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com