Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 84Page - STMicroelectronics STM32MP153A Datasheet HTML 85Page - STMicroelectronics STM32MP153A Datasheet HTML 86Page - STMicroelectronics STM32MP153A Datasheet HTML 87Page - STMicroelectronics STM32MP153A Datasheet HTML 88Page - STMicroelectronics STM32MP153A Datasheet HTML 89Page - STMicroelectronics STM32MP153A Datasheet HTML 90Page - STMicroelectronics STM32MP153A Datasheet HTML 91Page - STMicroelectronics STM32MP153A Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 254 page
background image
Pinouts, pin description and alternate functions
STM32MP153A/D
88/254
DS12502 Rev 3
D2
C1
A4
D5
PE11
I/O
FT
-
TIM1_CH2, DFSDM1_CKIN4,
SPI4_NSS, USART6_CK,
SAI2_SD_B,
FMC_AD8/FMC_D8, DCMI_D4,
LCD_G3, EVENTOUT
-
C1
D2
B4
E4
PE12
I/O
FT_h
-
TIM1_CH3N, DFSDM1_DATIN5,
SPI4_SCK, SDMMC1_D0DIR,
SAI2_SCK_B,
FMC_AD9/FMC_D9, LCD_B4,
EVENTOUT
-
E3
C2
A3
A4
PE13
I/O
FT_h
-
HDP2, TIM1_CH3,
DFSDM1_CKIN5, SPI4_MISO,
SAI2_FS_B,
FMC_AD10/FMC_D10,
DCMI_D6, LCD_DE, EVENTOUT
-
-
R13
-
-
VDDCORE
S
-
-
-
-
-
-
C4
B3
PH11
I/O
FT_f
-
TIM5_CH2, I2C4_SCL,
I2C1_SCL, DCMI_D2, LCD_R5,
EVENTOUT
-
R19
U8
-
AA18
VSS
S
-
-
-
-
-
U17
1J5
AB1
VSS
S
-
-
-
-
W19 W1
-
AB18
VSS
S
-
-
-
-
-
W19
1J7
AB22
VSS
S
-
-
-
-
1B2
D3
C6
B4
PE14
I/O
FT_h
-
TIM1_CH4, SPI4_MOSI,
UART8_RTS/UART8_DE,
SAI2_MCLK_B,
SDMMC1_D123DIR,
FMC_AD11/FMC_D11, LCD_G0,
LCD_CLK, EVENTOUT
-
D3
E1
D3
C4
PE15
I/O
FT
-
HDP3, TIM1_BKIN, TIM15_BKIN,
USART2_CTS/USART2_NSS,
UART8_CTS, FMC_NCE2,
FMC_AD12/FMC_D12, LCD_R7,
EVENTOUT
-
-
-
B3
A3
PH4
I/O
FT_f
-
I2C2_SCL, LCD_G5, LCD_G4,
EVENTOUT
-
1. IO supplied by VSW domain.
Table 7. STM32MP153A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com