Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 73Page - STMicroelectronics STM32MP153A Datasheet HTML 74Page - STMicroelectronics STM32MP153A Datasheet HTML 75Page - STMicroelectronics STM32MP153A Datasheet HTML 76Page - STMicroelectronics STM32MP153A Datasheet HTML 77Page - STMicroelectronics STM32MP153A Datasheet HTML 78Page - STMicroelectronics STM32MP153A Datasheet HTML 79Page - STMicroelectronics STM32MP153A Datasheet HTML 80Page - STMicroelectronics STM32MP153A Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 254 page
background image
DS12502 Rev 3
77/254
STM32MP153A/D
Pinouts, pin description and alternate functions
118
-
-
-
L10
VDDCORE
S
-
-
-
-
W16 W16 AC20 AB19
DDR_VREF
A
A
-
-
-
-
H11
-
K10
VSS
S
-
-
-
-
W17 W18 W23
V20
DDR_DQ12
I/O
DDR
-
-
-
1C5 H13
1B2
K12
VSS
S
-
-
-
-
V17 W17
Y21
V21
DDR_DQ15
I/O
DDR
-
-
-
-
H15
-
K14
VSS
S
-
-
-
-
U17 V18
W22
U21
DDR_DQ14
I/O
DDR
-
-
-
W18 V19
W21
T20
DDR_DQ11
I/O
DDR
-
-
-
-
G15
1B9
H17
VDDQ_DDR
S
-
-
-
-
V19 U19
U22
T22
DDR_DQS1P
I/O
DDR
-
-
-
1E5
-
1B4
L9
VSS
S
-
-
-
-
U18 T19
U23
R22
DDR_DQS1N
I/O
DDR
-
-
-
V18 U18
V22
T21
DDR_DQM1
O
DDR
-
-
-
1D9
-
-
J16
VDDQ_DDR
S
-
-
-
-
T18 T18
T23
R20
DDR_DQ13
I/O
DDR
-
-
-
-
J3
1B6
-
VSS
S
-
-
-
-
U19 T17
U21
R21
DDR_DQ9
I/O
DDR
-
-
-
1G5
J6
-
L11
VSS
S
-
-
-
-
T19 R18
T22
P21
DDR_DQ10
I/O
DDR
-
-
-
-
H14
-
-
VDDQ_DDR
S
-
-
-
-
R18 P18
T21
N22
DDR_DQ8
I/O
DDR
-
-
-
-
J8
1B8
L13
VSS
S
-
-
-
-
1J5
J10
-
L17
VSS
S
-
-
-
-
1F8 N19
Y19
AA19
DDR_ATO
A
A
-
-
-
-
J7
-
-
VDDCORE
S
-
-
-
-
-
-
1C8
-
VDDQ_DDR
S
-
-
-
-
1G9 N16 W20
U19
DDR_A6
O
DDR
-
-
-
-
-
-
K17
VDDQ_DDR
S
-
-
-
-
T17 R17
Y20
U18
DDR_A8
O
DDR
-
-
-
-
J12
1C1
L19
VSS
S
-
-
-
-
R17 P17
V20
T18
DDR_A4
O
DDR
-
-
-
Table 7. STM32MP153A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com