Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 64Page - STMicroelectronics STM32MP153A Datasheet HTML 65Page - STMicroelectronics STM32MP153A Datasheet HTML 66Page - STMicroelectronics STM32MP153A Datasheet HTML 67Page - STMicroelectronics STM32MP153A Datasheet HTML 68Page - STMicroelectronics STM32MP153A Datasheet HTML 69Page - STMicroelectronics STM32MP153A Datasheet HTML 70Page - STMicroelectronics STM32MP153A Datasheet HTML 71Page - STMicroelectronics STM32MP153A Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 254 page
background image
Pinouts, pin description and alternate functions
STM32MP153A/D
68/254
DS12502 Rev 3
1H1
P4
V3
U5
PA5
I/O
TT_ha
-
TIM2_CH1/TIM2_ETR,
TIM8_CH1N, SAI4_CK1,
SPI1_SCK/I2S1_CK, SPI6_SCK,
SAI4_MCLK_A, LCD_R4,
EVENTOUT
ADC1_INP19,
ADC1_INN18,
ADC2_INP19,
ADC2_INN18,
DAC_OUT2
1J1
R4
V4
V6
PA4
I/O
TT_a
-
HDP0, TIM5_ETR, SAI4_D2,
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
USART2_CK, SPI6_NSS,
SAI4_FS_A, DCMI_HSYNC,
LCD_VSYNC, EVENTOUT
ADC1_INP18,
ADC2_INP18,
DAC_OUT1
-
-
AC2
W5
PG0
I/O
FT_e
-
TRACED0, DFSDM1_DATIN0,
ETH1_GMII_TXD4, FMC_A10,
EVENTOUT
-
U3
V1
AB1
Y5
PB11
I/O
FT_fae -
TIM2_CH4, LPTIM2_ETR,
I2C2_SDA, DFSDM1_CKIN7,
USART3_RX,
ETH1_GMII_TX_EN/
ETH1_MII_TX_EN/
ETH1_RGMII_TX_CTL/
ETH1_RMII_TX_EN, LCD_G5,
EVENTOUT
-
-
-
AB2
AB4
PG4
I/O
FT_e
-
TIM1_BKIN2,
ETH1_GMII_GTX_CLK/
ETH1_RGMII_GTX_CLK,
FMC_A14, EVENTOUT
-
T3
W2
AC3
AB2
PA2
I/O
FT_ha
-
TIM2_CH3, TIM5_CH3,
LPTIM4_OUT, TIM15_CH1,
USART2_TX, SAI2_SCK_B,
SDMMC2_D0DIR, ETH1_MDIO,
MDIOS_MDIO, LCD_R1,
EVENTOUT
ADC1_INP14,
WKUP2
1F3
M6
-
-
VDD
S
-
-
-
-
T2
V2
AA6
AB3
PC1
I/O
FT_ha
-
TRACED0, SAI1_D1,
DFSDM1_DATIN0,
DFSDM1_CKIN4,
SPI2_MOSI/I2S2_SDO,
SAI1_SD_A, SDMMC2_CK,
ETH1_MDC, MDIOS_MDC,
EVENTOUT
ADC1_INP11,
ADC1_INN10,
ADC2_INP11,
ADC2_INN10,
TAMP_IN3,
WKUP6
A6
-
K21
E19
VSS
S
-
-
-
-
-
-
Y6
U8
PG5
I/O
FT
-
TIM1_ETR,
ETH1_GMII_CLK125/
ETH1_RGMII_CLK125,
FMC_A15, EVENTOUT
-
-
F10
1B3
J10
VDDCORE
S
-
-
-
-
Table 7. STM32MP153A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com