Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 82Page - STMicroelectronics STM32MP153A Datasheet HTML 83Page - STMicroelectronics STM32MP153A Datasheet HTML 84Page - STMicroelectronics STM32MP153A Datasheet HTML 85Page - STMicroelectronics STM32MP153A Datasheet HTML 86Page - STMicroelectronics STM32MP153A Datasheet HTML 87Page - STMicroelectronics STM32MP153A Datasheet HTML 88Page - STMicroelectronics STM32MP153A Datasheet HTML 89Page - STMicroelectronics STM32MP153A Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 254 page
background image
Pinouts, pin description and alternate functions
STM32MP153A/D
86/254
DS12502 Rev 3
B1
A2
B7
D10
PG15
I/O
FT_fh
-
TRACED7, SAI1_D2, I2C2_SDA,
SAI1_FS_A,
USART6_CTS/USART6_NSS,
SDMMC3_CK, DCMI_D13,
EVENTOUT
-
B2
B3
C10
E9
PE6
I/O
FT_h
-
TRACED2, TIM1_BKIN2,
SAI1_D1, TIM15_CH2,
SPI4_MOSI, SAI1_SD_A,
SDMMC2_D0, SDMMC1_D2,
SAI2_MCLK_B, FMC_A22,
DCMI_D7, LCD_G1, EVENTOUT
-
-
R10
1G9
Y3
VSS
S
-
-
-
-
-
-
D8
E10
PF0
I/O
FT_fh
-
I2C2_SDA, SDMMC3_D0,
SDMMC3_CKIN, FMC_A0,
EVENTOUT
-
-
-
-
P13
VDDCORE
S
-
-
-
-
-
-
A5
B9
PF1
I/O
FT_fh
-
I2C2_SCL, SDMMC3_CMD,
SDMMC3_CDIR, FMC_A1,
EVENTOUT
-
F18 R12
1H4
-
VSS
S
-
-
-
-
-
-
D9
F9
PF4
I/O
FT_h
-
USART2_RX, SDMMC3_D1,
SDMMC3_D123DIR, FMC_A4,
EVENTOUT
-
1E8 M12
1F7
-
VDDCORE
S
-
-
-
-
C3
D6
B6
C9
PD4
I/O
FT_h
-
SAI3_FS_A,
USART2_RTS/USART2_DE,
SDMMC3_D1, DFSDM1_CKIN0,
FMC_NOE, EVENTOUT
-
--
-
U14
VDD
S
-
-
-
-
-
-
D7
D9
PF5
I/O
FT_h
-
USART2_TX, SDMMC3_D2,
FMC_A5, EVENTOUT
-
-
R14
-
Y7
VSS
S
-
-
-
-
1A2
C5
B5
A8
PD10
I/O
FT_h
-
RTC_REFIN, TIM16_BKIN,
DFSDM1_CKOUT, I2C5_SMBA,
SPI3_MISO/I2S3_SDI,
SAI3_FS_B, USART3_CK,
FMC_AD15/FMC_D15, LCD_B3,
EVENTOUT
-
-
N11
-
P15
VDDCORE
S
-
-
-
-
-
-
-
B8
PJ12
I/O
FT
-
LCD_G3, LCD_B0, EVENTOUT
-
-
-
-
A7
PJ13
I/O
FT
-
LCD_G4, LCD_B1, EVENTOUT
-
-
-
-
B7
PJ14
I/O
FT
-
LCD_B2, EVENTOUT
-
Table 7. STM32MP153A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com