Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 130 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 130 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 126Page - STMicroelectronics STM32MP153A Datasheet HTML 127Page - STMicroelectronics STM32MP153A Datasheet HTML 128Page - STMicroelectronics STM32MP153A Datasheet HTML 129Page - STMicroelectronics STM32MP153A Datasheet HTML 130Page - STMicroelectronics STM32MP153A Datasheet HTML 131Page - STMicroelectronics STM32MP153A Datasheet HTML 132Page - STMicroelectronics STM32MP153A Datasheet HTML 133Page - STMicroelectronics STM32MP153A Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 254 page
background image
Electrical characteristics
STM32MP153A/D
130/254
DS12502 Rev 3
6.3.5
Embedded regulators characteristics
The parameters given in Table 18, Table 19 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 13: General operating
conditions.
REG1V1 embedded regulator (USB_PHY)
ΔVREFINT(2)
Internal reference voltage
spread over the temperature
range
-40 °C < TJ < 125 °C
-
4.3
15
mV
Tcoeff_VREFINT
Average temperature
coefficient
Average temperature
coefficient
-19
67
ppm/°C
VDDcoeff
Average Voltage coefficient
3.0 V < VDD < 3.6 V
-
10
1370
ppm/V
1.
The shortest sampling time for the application can be determined by multiple iterations.
2.
Guaranteed by design.
Table 16. Embedded reference voltage (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 17. Embedded reference voltage calibration value
Symbol
Parameter
Memory address
VREFIN_CAL
Raw data acquired at temperature of 30 °C, VDDA = VREF+ = 3.3 V
0x5C00 5250[31:16](1)(2)
1. Mandatory to read in 32-bits word and do relevant mask and shift to isolate required bits.
2. These address is inside BSEC which should be enabled in RCC to allow access.
Table 18. REG1V1 embedded regulator (USB_PHY) characteristics(1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDDA1V1_
REG
Regulated output voltage
-
1.045
1.1
1.155
V
CL
Load Capacitor
-
1.1
2.2(2)
3.3
µF
esr
Equivalent Serial Resistor of Cload
-
0.1
25
600
mΩ
Iload
Static load current(3)
-
0
-
30
mA
tSTART
Start-up time. from
PWR_CR3.REG11EN = 1 to
PWR_CR3.REG11RDY = 1
CL=2.2uF
-
93
-
µs
CL=3.3uF
-
-
180
IINRUSH
VDD Inrush Current to load external
capacitor at start
-
-
50
60
mA
IVDD
Regulator Current consumption on
VDD
Regulator Enabled and Iload =
0 mA
-
150
205
µA
Regulator Enabled and Iload =
30 mA
-
176
242
1. Guaranteed by design.
2. For better dynamic performances a 2.2 μF typical value external capacitor is recommended.
3. Load is for internal STM32MP153A/D analog blocks, no additional external load is accepted unless mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com