Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 162 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 162 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 158Page - STMicroelectronics STM32MP153A Datasheet HTML 159Page - STMicroelectronics STM32MP153A Datasheet HTML 160Page - STMicroelectronics STM32MP153A Datasheet HTML 161Page - STMicroelectronics STM32MP153A Datasheet HTML 162Page - STMicroelectronics STM32MP153A Datasheet HTML 163Page - STMicroelectronics STM32MP153A Datasheet HTML 164Page - STMicroelectronics STM32MP153A Datasheet HTML 165Page - STMicroelectronics STM32MP153A Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 254 page
background image
Electrical characteristics
STM32MP153A/D
162/254
DS12502 Rev 3
All I/Os are CMOS and TTL compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters. The
coverage of these requirements for FT I/Os is shown in Figure 23.
Table 50. I/O static characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIL(1)
I/O input low level voltage
1.71 V < VDD < 2.7 V
-
-
0.35 × VDD
V
2.7 V < VDD < 3.6 V
-
-
0.3 × VDD
1.71 V < VDD < 3.6 V
-
-
0.45 × VDD
+ 0.35
VIH(1)
I/O input high level voltage
1.71 V < VDD < 3.6 V
0.7 × VDD
--
V
VHYS(1)
TT_xx, FT_xxx and NRST I/O
input hysteresis
1.71 V < VDD < 3.6 V
-
0.1 ×
VDD
-mV
Ileak
FT_xx input leakage current(1)
0 < VIN ≤ Max(VDD)(6)
--
250
nA
Max(VDD) < VIN ≤ 5.5 V
(6)(2)(3)
-
-
3500
FT_u, IO
0 < VIN ≤ Max(VDD)(6)
--
500
Max(VDD) < VIN ≤ 5.5 V
(6)(3)
-
-
5000(4)
TT_xx input leakage current
0 < VIN ≤ Max(VDD) (6)
-
-
100
RPU
Weak pull-up equivalent
resistor(5)
VIN=VSS
25
40
55
kΩ
RPD
Weak pull-down equivalent
resistor(5)
VIN=VDD(6)
25
40
55
CIO
I/O pin capacitance
-
-
5
-
pF
1. Guaranteed by design.
2. All FT_xx IO except FT_uf, FT_u.
3. VIN must be less than Max(VDD) + 3.6 V.
4. To sustain a voltage higher than MIN(VDD, VDDA, VDD3V3_USBxxx) +0.3 V, the internal pull-up and pull-down resistors must
be disabled.
5. The pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
PMOS/NMOS contribution to the series resistance is minimal (~10% order).
6. Max(VDD) is the maximum value of all the I/O supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com