Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 171 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 171 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 167Page - STMicroelectronics STM32MP153A Datasheet HTML 168Page - STMicroelectronics STM32MP153A Datasheet HTML 169Page - STMicroelectronics STM32MP153A Datasheet HTML 170Page - STMicroelectronics STM32MP153A Datasheet HTML 171Page - STMicroelectronics STM32MP153A Datasheet HTML 172Page - STMicroelectronics STM32MP153A Datasheet HTML 173Page - STMicroelectronics STM32MP153A Datasheet HTML 174Page - STMicroelectronics STM32MP153A Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 254 page
background image
DS12502 Rev 3
171/254
STM32MP153A/D
Electrical characteristics
233
Figure 24. Recommended NRST and NRST_CORE pin protection
1. The reset network protects the device against parasitic resets.
2. The user must ensure that the level on the NRST/NRST_CORE pin can go below the VIL(NRST) max level
specified in Table 56. Otherwise the reset is not taken into account by the device.
6.3.19
FMC characteristics
Unless otherwise specified, the parameters given in Table 57 to Table 70 for the FMC
interface are derived from tests performed under the ambient temperature, Fmc_hclk (Fhclk6)
frequency and VDD supply voltage conditions summarized in Table 13: General operating
conditions, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Measurement points are done at CMOS levels: 0.5×VDD
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output
characteristics.
Table 56. NRST and NRST_CORE pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RPU(2)
Weak pull-up equivalent
resistor(1)
1. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to
the series resistance must be minimum (~10% order).
VIN = VSS
30
40
50
kΩ
VF(NRST)(2)
2. Guaranteed by design.
NRST/NRST_CORE Input
filtered pulse
1.71 V < VDD < 3.6 V
-
-
50
ns
VNF(NRST)(2)
NRST/NRST_CORE Input
not filtered pulse
1.71 V < VDD < 3.6 V
350
-
-
ai14132d
STM32
RPU
NRST(2)
VDD
Filter
Internal Reset
0.1 μF
External
reset circuit (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com