Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 201 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 201 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 197Page - STMicroelectronics STM32MP153A Datasheet HTML 198Page - STMicroelectronics STM32MP153A Datasheet HTML 199Page - STMicroelectronics STM32MP153A Datasheet HTML 200Page - STMicroelectronics STM32MP153A Datasheet HTML 201Page - STMicroelectronics STM32MP153A Datasheet HTML 202Page - STMicroelectronics STM32MP153A Datasheet HTML 203Page - STMicroelectronics STM32MP153A Datasheet HTML 204Page - STMicroelectronics STM32MP153A Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 254 page
background image
DS12502 Rev 3
201/254
STM32MP153A/D
Electrical characteristics
233
Table 79. DAC accuracy(1)
Symbol
Parameter
Conditions
Min
Typ(2)
Max
Unit
DNL
Differential
non
linearity(3)
--
±2
-
LSB
INL
Integral non
linearity(4)
--
±4
-
LSB
Offset
Offset error
at code
0x800 (4)
DAC output
buffer ON
VREF+ =
3.6 V
-±5
-
LSB
VREF+ =
1.8 V
-±7
-
DAC output buffer OFF
-
±8
-
Offset1
Offset error
at code
0x001(5)
DAC output buffer OFF
-
±5
-
LSB
Gain
Gain error(6)
--
±1
-
%
TUECal
Total
unadjusted
error
DAC output
buffer ON
VREF+=3.6 V
-
±10
-
LSB
VREF+=1.8 V
-
±8
-
SNR
Signal-to-
noise ratio(7)
1 kHz, BW = 500 kHz
-
67.8
-
dB
THD
Total
harmonic
distorsion(7)
1kHz
-
-78.6
-
dB
SINAD
Signal-to-
noise and
distortion
ratio(7)
1 kHz
-
67.5
-
dB
ENOB
Effective
number of
bits
1 kHz
-
10.9
-
bits
1. Unless otherwise noted, CL ≤ 50 pF with RL ≥ 5 kΩ when DAC output buffer is ON, or CL ≤ 10 pF with no RL when DAC
output buffer is OFF.
2. Guaranteed by characterization.
3. Difference between two consecutive codes minus 1 LSB.
4. Difference between measured the value at Code i and the value measured at Code i on a line drawn between Code 0 and
last Code 4095.
5. Difference between the value measured at Code (0x001) and the ideal value.
6. Difference between the ideal slope of the transfer function and the measured slope computed from code 0x000 and 0xFFF
when the buffer is OFF, and from code giving 0.2 V and (VREF+ - 0.2 V) when the buffer is ON.
7. Signal is -0.5dBFS with Fsampling=1 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com