Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 220 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 220 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 216Page - STMicroelectronics STM32MP153A Datasheet HTML 217Page - STMicroelectronics STM32MP153A Datasheet HTML 218Page - STMicroelectronics STM32MP153A Datasheet HTML 219Page - STMicroelectronics STM32MP153A Datasheet HTML 220Page - STMicroelectronics STM32MP153A Datasheet HTML 221Page - STMicroelectronics STM32MP153A Datasheet HTML 222Page - STMicroelectronics STM32MP153A Datasheet HTML 223Page - STMicroelectronics STM32MP153A Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 254 page
background image
Electrical characteristics
STM32MP153A/D
220/254
DS12502 Rev 3
conditions summarized in Table 13: General operating conditions, with the following
configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are performed at CMOS levels: 0.5×VDD
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output alternate
function characteristics (SCK,SD,WS).
Table 100. SAI characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCK
SAI Main clock output
-
-
50
MHz
FCK
SAI bit clock
frequency(2)
Master transmitter
2.7 V ≤ VDD ≤ 3.6 V
-45
MHz
Master transmitter
1.71 V ≤ VDD ≤ 3.6 V
-27
Master receiver
1.71 V ≤ VDD ≤ 3.6 V
-27
Slave transmitter
2.7 V ≤ VDD ≤ 3.6 V
-45
Slave transmitter
1.71 V ≤ VDD ≤ 3.6 V
-31
Slave receiver
1.71 ≤ VDD ≤ 3.6 V
-50
tv(FS)
FS valid time
Master mode
2.7 V ≤ VDD ≤ 3.6 V
-11
ns
Master mode
1.71 V ≤ VDD ≤ 3.6 V
-18
tsu(FS)
FS setup time
Slave mode
7
-
th(FS)
FS hold time
Master mode
2
-
Slave mode
2.5
-
tsu(SD_A_MR)
Data input setup time
Master receiver
2
-
tsu(SD_B_SR)
Slave receiver
1.5
-
th(SD_A_MR)
Data input hold time
Master receiver
3
-
th(SD_B_SR)
Slave receiver
0.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com