Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 226 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 226 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 222Page - STMicroelectronics STM32MP153A Datasheet HTML 223Page - STMicroelectronics STM32MP153A Datasheet HTML 224Page - STMicroelectronics STM32MP153A Datasheet HTML 225Page - STMicroelectronics STM32MP153A Datasheet HTML 226Page - STMicroelectronics STM32MP153A Datasheet HTML 227Page - STMicroelectronics STM32MP153A Datasheet HTML 228Page - STMicroelectronics STM32MP153A Datasheet HTML 229Page - STMicroelectronics STM32MP153A Datasheet HTML 230Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 254 page
background image
Electrical characteristics
STM32MP153A/D
226/254
DS12502 Rev 3
Table 105 gives the list of Ethernet MAC timings for the MDIO/SMA and Figure 57 shows
the corresponding timing diagram.
Figure 57. Ethernet MDIO/SMA timing diagram
Table 106 gives the list of Ethernet MAC timings for the RMII and Figure 58 shows the
corresponding timing diagram.
Table 105. Dynamics characteristics: Ethernet MAC timings for MDIO/SMA(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Typ
Max
Unit
tMDC
MDC cycle time(2.5 MHz)
399
400
401
ns
Td(MDIO)
Write data valid time
0.5
1
3
tsu(MDIO)
Read data setup time
13.5
-
-
th(MDIO)
Read data hold time
0
-
-
Table 106. Dynamics characteristics: Ethernet MAC timings for RMII(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Typ
Max
Unit
tsu(RXD)
Receive data setup time
2
-
-
ns
tih(RXD)
Receive data hold time
1.5
-
-
tsu(CRS)
Carrier sense setup time
1.5
-
-
tih(CRS)
Carrier sense hold time
1.5
-
-
td(TXEN)
Transmit enable valid delay time
5.5
6.5
9.5
td(TXD)
Transmit data valid delay time
6
6.5
10
MS31384V1
ETH_MDC
ETH_MDIO(O)
ETH_MDIO(I)
tMDC
td(MDIO)
tsu(MDIO)
th(MDIO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com