Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 236 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 236 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 232Page - STMicroelectronics STM32MP153A Datasheet HTML 233Page - STMicroelectronics STM32MP153A Datasheet HTML 234Page - STMicroelectronics STM32MP153A Datasheet HTML 235Page - STMicroelectronics STM32MP153A Datasheet HTML 236Page - STMicroelectronics STM32MP153A Datasheet HTML 237Page - STMicroelectronics STM32MP153A Datasheet HTML 238Page - STMicroelectronics STM32MP153A Datasheet HTML 239Page - STMicroelectronics STM32MP153A Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 254 page
background image
Package information
STM32MP153A/D
236/254
DS12502 Rev 3
Figure 65. TFBGA - Recommended footprint
1. Dimensions are expressed in millimeters.
Table 115. TFBGA - Recommended PCB design rules (0.5/0.65 mm pitch, BGA)
Dimension
Recommended values
Pitch
0.5/0.65 mm
Dpad
0.230 mm
Dsm
0.390 mm typ.
Stencil opening
0.230 mm
Stencil thickness
0.125 mm to 0.100 mm
B02Y_FP_V1
Dpad
Dsm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com