Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VCW Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 22Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 23Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 24Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 25Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 26Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 27Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 28Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 29Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 161 page
background image
AMD
P R E L I M I N A R Y
26
Am79C930
The functionality of the following pins is determined, at
least in part, by the connection of the PCMCIA pin:
PCMCIA Mode
ISA Plug and Play Mode
Pin Name
Pin Name
USER6
USER6/IRQ5
USER5
USER5/IRQ4
USER4
LA17
USER3
SA16
USER2
LA19
USER1
USER1/IRQ12
USER0
RFRSH
A[14:0]
SA[14:0]
LLOCKE
SA15
D[7:0]
SD[7:0]
CE1
LA18
OE
MEMR
WE
MEMW
REG
AEN
TXDATA
LA20
TXCMD
LA21
INPACK
LA22
ANTSLT
LA23
WAIT
IOCHRDY
STSCHG
BALE
IORD
IOR
IOWR
IOW
IREQ
IRQ9
RXC
RXC/IRQ10
USER7
USER7/IRQ11
Host System Interface Pins
PCMCIA Bus Interface
A14–0
Address Bus
Input
Signals A0 through A14 are address-bus-input lines.
Signal A0 is always used because the data interface to
the Am79C930 is only 8-bits wide.
CE1
Card Enable
Input
CE1 is an active low card enable input signal. CE1 is
used to enable even-numbered word address bytes. A0
is used to select between the even and odd numbered
bytes within the addressed word.
D7–0
Data Bus
Input/Output
Signals D7 through D0 are the bidirectional data bus for
PCMCIA. The most significant bit is D7.
OE
Output Enable
Input
OE is an active low-output-enable input signal. OE is
used to gate memory read data from the Am79C930 de-
vice onto the PCMCIA data bus.
OE should be deas-
serted during memory write cycles to the Am79C930
device.
OE is used for Common memory accesses and
Attribute memory accesses.
INPACK
Input Acknowledge
Output
The
INPACK signal is an active low signal. INPACK is
asserted when the Am79C930 device is selected and
the Am79C930 device can respond to an I/O read cycle
at the address currently on the address bus. This signal
is used by the host to control the enable of any input data
buffer between the card and the CPU. This signal will be
inactive until the card is configured.
IORD
I/O Read
Input
IORD is an active low signal. IORD is asserted by the
host system to indicate to the Am79C930 device that a
read from the Am79C930’s I/O space is being per-
formed. The Am79C930 device will not respond to the
IORD signal until it has been configured for I/O opera-
tion by the system.
IOWR
I/O Write
Input
IOWR is an active low signal. IOWR is asserted by the
host system to indicate to the Am79C930 device that a
write to the Am79C930’s I/O space is being performed.
The Am79C930 device will not respond to the
IOWR sig-
nal until it has been configured for I/O operation by
the system.
IREQ
Interrupt Request
Output
IREQ is an active low signal. IREQ is asserted by the
Am79C930 device to indicate to the host that software
service is required.
IREQ can operate in the pulse mode
or level mode of operation as defined in the PCMCIA
specification. In pulse mode of operation, an interrupt is
signaled by the Am79C930 device by asserting a low-
going pulse of at least 0.5 microseconds (
µs). In pulse
mode of operation, the inactive state (i.e., HIGH output)
is driven, not floated. In level mode of operation, an in-
terrupt is signaled by the Am79C930 device by assert-
ing a LOW level. In level mode of operation, the inactive
state (i.e., HIGH output) is driven, not floated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com