Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VCW Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 56Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 57Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 58Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 59Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 60Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 61Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 62Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 63Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 161 page
background image
AMD
P R E L I M I N A R Y
60
Am79C930
Some of the Am79C930 device’s PCMCIA Common
Memory locations have predefined uses and, therefore,
are not freely available to the device driver.
The
following
table
indicates
restricted
space
within
PCMCIA
Common
Memory
map
of
the
Am79C930 device:
Am79C930 Device PCMCIA Mode Common Memory Restricted Space
PCMCIA Address
Size of
Physical Memory and
in Common Memory
SIR1[5:3]
Restricted Space
Description of Reserved Use
0000h – 03FFh
000
1 Kbytes
SRAM Memory 0 0000h – 0 03FFh
This space is reserved for the interrupt
vector table of the embedded 80188
core.
0400h – 041Fh
000
32 bytes
SRAM Memory 0 0400h – 0 041Fh
This SRAM space is inaccessible to
the 80188 embedded core, since the
80188 core maps the 32 TIR registers
of the TAI into this portion of 80188
memory space.
0420h – 043Fh
000
32 bytes
SRAM Memory 0 0420h – 0 042Fh
This SRAM space is inaccessible to
the 80188 embedded core, since the
80188 core maps the MIR registers of
the BIU (PIR, PDLC and PUCT) and
XCE space into this portion of 80188
memory space.
0440h – 047Fh
000
64 bytes
SRAM Memory 0 0440h – 0 047Fh
This SRAM space is reserved for future
use and may be decoded for non-
SRAM purposes in the future.
7C00h – 7FEFh
111
1K–16 bytes
Flash Memory 1 FC00h – 1 FFEFh
These bytes of the Flash memory also
map into PCMCIA Attribute Memory
space 0000h – 03FFh, which is used
for storing the CIS for the device.
Therefore, this space cannot be used
for non-CIS purposes.
7FF0h – 7FFFh
111
16 bytes
Flash Memory 1 FFF0h – 1 FFFFh
These 16 bytes of Flash memory
space are reserved because they are
the location of the embedded 80188
core’s instruction pointer following a
Am79C930 device reset operation.
These 16 bytes must contain the first
80188 instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com