Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VCW Datasheet(PDF) 82 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 78Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 79Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 80Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 81Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 82Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 83Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 84Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 85Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 161 page
background image
AMD
P R E L I M I N A R Y
82
Am79C930
MIR3: Power Down Length Count [15:8] (PDLC)
This register is used to determine the length of power
down cycles. Before execution of the power down se-
quence, the 80188 core must load the PDLC counter.
Upon execution of the power down sequence, the PDLC
value will be counted down to zero and the power down
cycle will end.
Bit
Name
Reset Value
Description
0
PDLC[15:8]
00h
Middle 8 bits of the length of the power down counter. The resolu-
tion of the power down length counter is in increments of PMX1/2
periods. The nominal PMX1/2 crystal value is 32.768 kHz, resulting
in a resolution of 31.25
µs.
MIR4: Power Down Length Count [22:16] (PDLC)
This register is used to determine the length of power
down cycles. Before execution of the power down se-
quence, the 80188 core must load the PDLC counter.
Upon execution of the power down sequence, the PDLC
value will be counted down to zero and the power down
cycle will end.
Bit
Name
Reset Value
Description
7
PERMAREST
0
When set to a 1, this bit prevents the normal termination of the
power down sequence, such that the PDLC and PUCT counts are
ignored, and the power down mode is only exited when the
PCMCIA PWRDWN bit is written with a 0, or when the SIR0
DISPWDN bit is written with a 1.
6:0
PDLC[22:16]
00h
Upper 7 bits of the length of the power down counter. The resolution
of the power down length counter is in increments of PMX1/2 peri-
ods. The nominal PMX1/2 crystal value is 32.768 kHz, resulting in a
resolution of 31.25
µs.
MIR5: Free Count [7:0] (FCNT)
This register is a read-only register.
Do not write to this
register or unexpected consequences will result.
This register gives the value of the lowest byte of the free
running count. The free running count is a 24-bit counter
that uses the PMX1/2 clock as its basis. The free run-
ning count is reset only when the reset pin is asserted.
Timer resolution is 31.25
µs when PMX1/2 has a fre-
quency of 32.768 kHz.
Bit
Name
Reset Value
Description
7:0
FCNT[7:0]
00h
Least significant byte of the free running count.
MIR6: Free Count [15:8] (FCNT)
This register gives the value of the lowest byte of the free
running count. The free running count is a 24-bit counter
that uses the 32 kHz clock as its basis. The free running
count is reset only when the reset pin is asserted. Timer
resolution is 31.25
µs when PMX1/2 has a frequency of
32.768 kHz.
Bit
Name
Reset Value
Description
7:0
FCNT[15:8]
00h
Middle byte of the free running count.
MIR7: Free Count [23:16] (FCNT)
This register gives the value of the lowest byte of the free
running count. The free running count is a 24-bit counter
that uses the 32 kHz clock as its basis. The free running
count is reset only when the reset pin is asserted. Timer
resolution is 31.25
µs when PMX1/2 has a frequency of
32.768 kHz.
Bit
Name
Reset Value
Description
7:0
FCNT[23:16]
00h
Most significant byte of the free running count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com