Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VCW Datasheet(PDF) 69 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 69 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 65Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 66Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 67Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 68Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 69Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 70Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 71Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 72Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 161 page
background image
P R E L I M I N A R Y
AMD
69
Am79C930
Am79C930 Device ISA Plug And Play Mode Plug And Play Register Set
ISA Plug and Play
Plug and Play Port
Register Name
ADDRESS
Physical Location
Set READ_DATA port
00h
BIU
Serial Isolation
01h
BIU
Configuration Control
02h
BIU
Wake [CSN]
03h
BIU
Resource Data
04h
Flash Memory 1 FC00h–1 FFF0h
Total of 1K–16 bytes. The uppermost 16
bytes of Flash memory space are
reserved because they are the location of
the embedded 80188 core’s instruction
pointer following an Am79C930 device
reset operation.
Status
05h
BIU
Card Select Number (CSN)
06h
BIU
Logical Device Number
07h
BIU
Unused
08h–2Fh
NA
Activate
30h
BIU
I/O Range Check
31h
BIU
Unused
32h–3Fh
NA
Memory Base Address
0 40h
BIU
bits [23:16] descriptor
Memory Base Address
0 41h
BIU
bits [15:08] descriptor
Memory Control
42h
BIU
Memory range length
0 43h
BIU
bits [23:16] for descriptor
Memory range length
0 44h
BIU
bits [25:08] for descriptor
Unused
45h–5Fh
NA
I/O Base Address
0 60h
BIU
bits [15:08] descriptor
I/O Base Address
0 61h
BIU
bits [07:00] descriptor
Memory Control
62h–6Fh
BIU
Interrupt request level select 0
70h
BIU
Interrupt request type select
0 71h
BIU
Unused
72h–73h
NA
DMA Channel Select 0
74h
BIU
Unused
75h–FFh
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com