Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VCW Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 27Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 28Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 29Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 30Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 31Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 32Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 33Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 34Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 161 page
background image
P R E L I M I N A R Y
AMD
31
Am79C930
TXMOD
Transmit Modulation Enable
Output
TXMOD is an active low output that is used to enable the
transmit modulation function of the attached trans-
ceiver. This pin is directly controlled by the transmit state
machine in the TAI and the
TXMOD bit of TIR11. The
timing of the
TXMOD signal is programmable from a TAI
register. The polarity of this pin is programmable from a
TAI register.
TXPE
Transmit Power Enable
Output
TXPE is an active low output that is used to enable the
transceiver’s transmission amplifier. When
TXPE is low,
the transceiver should enable its transmission amplifier.
When
TXPE is high, the transceiver should disable its
transmission amplifier. This pin is directly controlled by
the transmit state machine in the TAI and the
TXPE bit of
the TIR11. The timing of the TXMOD signal is program-
mable from a TAI register. The polarity of this pin is pro-
grammable from a TAI register.
USER7
USER7
Input/Output
USER7 is a pin that may be directly controlled through
TIR and TCR register locations.
Other Pins
ACT
Activity LED
Output
ACT is an active low open collector output that is directly
controllable through a TAI register. This pin is capable of
sinking the 12 mA necessary to drive a typical indicator
LED. This pin is directly controllable through a TAI regis-
ter and is also programmable as an I/O with read capa-
bility. This pin may also be programmed to actively drive
high output values. When an LED is connected to this
pin, then proper operation of this output requires a
pull-up device to be connected externally.
ADREF
A/D Reference
Input
ADREF is a single-ended analog input that is used by
the A/D conversion circuit. ADREF is the reference volt-
age that is fed to the resistor ladder of the D/A portion of
the A/D circuit. ADREF is used to determine the range of
sensitivity of the A/D circuit. The recommended value
for ADREF is 1.25 to 1.75 V. Note that ADREF is volt-
age-doubled before being used for internal A/D refer-
ence. For example, an ADREF value of 1.75 V will mean
that the A/D will give a max digital output value for an
ADIN input of 3.5 V or higher.
ADIN[1–2]
A/D sample inputs
Input/Output
ADIN[1–2] are inputs that accept single-ended analog
input values for conversion by the internal Am79C930
A/D converter. Only one input will be sampled at any
time for conversion by the internal Am79C930 device’s
A/D circuit. The input that will be converted by the
A/D circuit is determined by the setting of the SRCS bit
of the Antenna Diversity and A/D Control register in the
TAI (TIR26).
LNK
Link LED
Output
LNK is an active low open collector output that is directly
controllable through a TAI register. This pin is capable of
sinking the 12 mA necessary to drive a typical indicator
LED. This pin is directly controllable through a TAI regis-
ter and is also programmable as an I/O with read capa-
bility. This pin may also be programmed to actively drive
high output values. When an LED is connected to this
pin, then proper operation of this output requires a
pull-up device to be connected externally.
PWRDWN
Powerdown
Output
PWRDWN is an output that becomes active (HIGH)
when the Am79C930 device enters the power down
mode. This pin can be used to power down other sec-
tions of a Am79C930-based system design.
SAR[6–0]
Serial Approximation Register
Input/Output
SAR[6–0] are outputs that are used to deliver the value
of the internal A/D converter for use external to the
Am79C930 device. These pins are directly controllable
through a TAI register and are also programmable as
I/O pins with read capability.
SDCLK
Serial Device Clock
Output
SDCLK is an output that is used to clock data on the
SDDATA output pin. This pin may be used in combina-
tion with the SDDATA and
SDSEL output pins in order to
create an I2C serial device interface. This pin is directly
controllable through a TAI register and is also program-
mable as an I/O with read capability.
SDDATA
Serial Device Data
Input/Output
SDDATA is an I/O pin that may be used in conjunction
with the SDCLK and
SDSEL pins in order to create an
I2C serial device interface. This pin is directly controlla-
ble through a TAI register and is also programmable as
an I/O with read capability.
SDSEL[1–3]
Serial Device Select
Output
SDSEL[1–3] are output pins that may be used in con-
junction with the SDCLK and
SDSEL pins in order to cre-
ate an I2C serial device interface. These pins are directly
controllable through a TAI register and are also pro-
grammable as I/O pins with read capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com