Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VCW Datasheet(PDF) 78 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 78 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 74Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 75Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 76Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 77Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 78Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 79Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 80Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 81Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 82Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 161 page
background image
AMD
P R E L I M I N A R Y
78
Am79C930
2
INT2EC
0
Interrupt to Embedded Controller. When INT2EC is set to a 1, an
interrupt is sent to the 80188 core. INT2EC will stay set at 1 until the
80188 core clears this bit by writing a 1 to bit 3 of the MIR0 register.
Writing a 0 to INT2EC will have no effect on the value of INT2EC.
1
ENECINT
0
Enable Embedded Controller Interrupts. When set to 1, enables
80188 core-generated interrupts to be passed to the BIU, where
they will appear as interrupts on the ECINT bit of SIR0 and also on
the system interface interrupt pin. When set to 0, no 80188 core-
generated interrupts will be passed to the BIU.
0
DAM
0
Direct Access Mode. DAM is a read-only bit that indicates that the
80188 embedded controller has set the SIDA bit of MIR0 (bit 7),
thereby giving the system interface direct accessibility to the mem-
ory interface of the Am79C930 device. The 80188 embedded con-
troller should only give such access to the system interface when
the 80188 follows such action with a HALT instruction, otherwise
80188 accesses to the memory interface may interfere with the di-
rect access given to the system interface. This mode can be re-
leased if the system interface interrupts the 80188. An 80188
interrupt will cause the 80188 to exit the HALT state and will allow
the 80188 to reset the SIDA bit to 0. The value of the DAM bit is the
same as the value of the SIDA bit of MIR0 (bit 7).
SIR1: Bank Switching Select Register (BSS)
This register contains Bank Select bits for various
Am79C930 resources and other control bits.
Bit
Name
Reset Value
Description
7
ECATR
0
Embedded Controller ALE Test Read. Contains latched ALE value
from the 80188 core. Writing a 0 will clear this bit. Whenever the
80188 core ALE signal becomes active (1), then this bit will become
1 and will stay 1 until either it is written as a 0 or a reset occurs.
6
Reserved
–
Read only as a 0.
5
FS
0
Flash Select. When FS is set to 1, common memory accesses
across the host bus will be made to the Flash memory, not SRAM.
When FS is reset to 0, the host accesses are directed to the SRAM.
4:3
MBS
00
Memory Bank Select. These two bits act as Am79C930 memory in-
terface bus address bits MA[16:15] during system interface ac-
cesses to Flash and SRAM.
2
EIOW
0
Expand I/O Window. When EIOW is reset to 0, the TAI can only be
accessed through system interface addresses I/O offsets 0008h
through 000Fh and the TAI Bank Select bits must be used to access
the full set of TIR registers. When EIOW is set to 1, the TAI address
space is mapped to system interface addresses I/O offsets 0008h
through 0027h.
EIOW is always 0 when the Am79C930 device has been set to the
ISA Plug and Play mode of operation. EIOW is not writeable when
the Am79C930 device has been set to the ISA Plug and Play mode
of operation.
1:0
TBS
00
TAI Bank Select. When the EIOW bit is set to 0, then the TBS bits
will act as Am79C930 memory interface bus address bits MA[4:3]
during system interface accesses to the TIR registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com