Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VCW Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 36Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 37Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 38Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 39Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 40Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 41Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 42Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 43Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 161 page
background image
AMD
P R E L I M I N A R Y
40
Am79C930
Pin 126:
TXCMD
The
TXCMD pin may be configured to drive a trans-
ceiver control reference signal, using one of two timing
sources plus input from the TXCMD bit of TIR11
(TIR11[0]), according to the following table:
RCEN
TXCMD Pin
TXCMD Pin
TIR11[3]
Direction
Value
0
O
O_TX
1O
TIR11[0] & T1
Transmit state machine generated signals
T1, T2, T3,
TXP
_ON and O_TX have the timing indicated in the
diagram in section
Am79C930-Based TX Power
Ramp Control.
Pin 129:
TXPE
The
TXPE pin may be configured to drive a transceiver
control reference signal, using one of two timing sources
plus input from the TXPE bit of TIR11 (TIR11[1]) and
the TXPEPOL bit of TCR27, according to the
following table:
Transmit state machine generated signals
T1, T2, T3,
TXP
_ON and O_TX have the timing indicated in the
diagram in section
Am79C930-Based TX Power
Ramp Control.
RCEN
TXPEPOL
TXPE Pin
TXPE Pin
TIR11[3]
TCR27[1]
Direction
Value
0
0
O
TXP_ON
0
1
O
TXP_ON
10
O
TIR11[1] & T2
(& = logical ‘AND’)
1
1
O
TIR11[1] + T2
(+ = logical ‘OR’)
Pin 131:
TXMOD
The
TXMOD pin may be configured to drive a trans-
ceiver control reference signal, using input from the
TXMOD bit of TIR11 (TIR11[2]) and the TXMODPOL bit
of TCR27, according to the following table:
Transmit state machine generated signals
T1, T2, T3,
TXP
_ON and O_TX have the timing indicated in the
diagram in section
Am79C930-Based TX Power
Ramp Control.
RCEN
TXMODPOL
TXMOD Pin
TXMOD Pin
TIR11[3]
TCR27[0]
Direction
Value
00
O
T3
01
O
T3
10
O
TIR11[2] & T3
(& = logical ‘AND’)
1
1
O
TIR11[2] + T3
(+ = logical ‘OR’)
Pin 132: ANTSLT
The ANTSLT pin may be configured to drive an inter-
nally generated antenna selection signal using the inter-
nal antenna diversity circuitry, or it may be controlled by
a register bit. Pin functionality is programmed according
to the following table:
If it is necessary to force ANTSLT to be always constant,
then program ANTS to 0 or user
ANTSLT pin, which can
be controlled by ANTSLTD (TCR7:[1]).
TX
ANTSEN
ANTEN
Mode
(TIR16[[3])
(TIR4:[7])
0
0
0
ANTSLT <= low
0
1
0
ANTSEL <= ANTS (TIR26:[4])
0
X
1
ANTSLT <= internal ANTSEL
1
X
X
ANTSLT <= low
Pin 141:
ANTSLT/LA23
The
ANTSLT/LA23 pin may be configured to operate as
input or output and may be configured to drive an
internally generated antenna selection reference signal
using the internal antenna diversity circuitry. Note that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com