Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VCW Datasheet(PDF) 96 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 96 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 92Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 93Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 94Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 95Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 96Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 97Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 98Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 99Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 100Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 161 page
background image
AMD
P R E L I M I N A R Y
96
Am79C930
TIR11: Transmit Sequence Control
This register is the Transmit Sequence Control. The
bits in this register determine the function of the transmit
sequence signals.
Bit
Name
Reset Value
Description
7
RXCD
pin
RXC/IRQ10 pin Data. The value that is written to this bit will be
driven out to the RXC pin when the RXCEN bit of TCR15 has been
set to a 1 and the RXCFN bit of TCR28 has been set to a 0.
The value that is read from RXCD represents the current value of
the RXC/IRQ10 pin. The control of the function of the RXC/IRQ10
pin is described in the Multi-Function Pin section.
6
USER6D
pin
USER6/IRQ5 pin Data. The value that is written to USER6D may be
driven out to the USER6/IRQ5 pin, depending upon the values of
the USER6EN bit (TCR15[3]), the USER6FN bit (TCR7[6]), the ISA
PnP registers 70h and 71h, and the operating mode of the
Am79C930 device.
The value read from USER6D will always represent the current
value of the USER6/IRQ5 pin. The control of the function of the
USER6/IRQ5 pin is described in the
Multi-Function Pin section.
5
USER5D
pin
USER5/IRQ4 pin Data. The value that is written to USER5D may be
driven out to the USER5/IRQ4 pin, depending upon the values of
the USER5EN bit (TCR15[2]), the USER5FN bit (TCR7[5]), the ISA
PnP registers 70h and 71h, and the operating mode of the
Am79C930 device.
The value read from USER5D will always represent the current
value of the USER5/IRQ4 pin. The control of the function of the
USER5/IRQ4 pin is described in the
Multi-Function Pin section.
4
LLOCKE
pin
LLOCKE pin data value. The value that is written to LLOCKE may
be driven out to the LLOCKE/SA15 pin, depending upon the values
of the LLOCKEN bit (TCR14[6]), and the operating mode of the
Am79C930 device (i.e., PCMCIA or ISA).
The value read from LLOCKE will always represent the current
value of the LLOCKE/SA15 pin. The control of the function of the
LLOCKE/SA15 pin is described in the
Multi-Function Pin section.
3
RCEN
0
Register Control Enable. Used to control the functional timing of
the
TXCMD, TXMOD and TXPE pin values as defined in the
Multi-Function Pin section. See the Multi-Function Pin section de-
scription for each of these pins for more details.
2
TXMOD
0
TXMOD pin control. Used to control the functional timing of the
TXCMD, pin value as defined in the Multi-Function Pin section. See
the
Multi-Function Pin section description for more details.
1
TXPE
0
TXPE pin control. The TXPE bit affects the value of the TXPE pin as
described in the
Multi-Function Pin section.
0
TXCMD
0
TXCMD and
TXCMD pin control. The TXCMD bit affects the value
of the the TXCMD and
TXCMD pins as described in the Multi-Func-
tion Pin section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com