Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VCW Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 33Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 34Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 35Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 36Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 37Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 38Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 39Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 40Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 161 page
background image
P R E L I M I N A R Y
AMD
37
Am79C930
ENXCHBSY bit of TCR28 and the CHBSYU bit of
TIR5 and operates independently of the bits in the
table below.
In addition to the functionality listed above, the
USER5/IRQ4/EXTCHBSY pin may be used as the
source for CCA information, instead of relying on the in-
ternal CCA logic of the Am79C930 device. When using
the external CCA information, CCA information from the
internal logic will be unavailable. External CCA informa-
tion will appear in the same register bit locations as in-
ternal CCA information, when enabled, so a change
from internal source to external source will be transpar-
ent to firmware (excepting the necessary change in the
ENXCHBSY bit value).
This source of CCA information is controlled by the
ENXCHBSY bit of TCR28. When the ENXCHBSY bit of
TCR28 is set to a 1, then the value of the
USER5/IRQ4/EXTCHBSY pin will be fed directly to the
CHBSYC bit of TIR4, CHBSY bit of TIR26 and the BCF
bit of TIR5. If the CHBSYC interrupt is unmasked, it will
produce an interrupt to the 80188 embedded controller.
If the BCF interrupt is unmasked, it will produce an inter-
rupt to the 80188 embedded controller. Note that setting
the ENXCHBSY bit of TCR28 to a 1 will cause the
USER5/IRQ4/EXTCHBYS pin to function as an input,
regardless of the settings of the other control
bits listed.
USER5/
USER5/
PCMCIA
ENXCHBSY
USER5FN
USER5EN
IRQ Select
IRQ Type
IRQ4
IRQ4
Pin
TCR28[5]
TCR7[5]
TCR15[2]
PnPx70
PnPx71
Direction
Pin Data
0
1
X
X
X
X
I
TIR11[5]
0
0
0
X
4h
2h
O
IRQ4
0
0
0
X
4h
1h
OD
IRQ4
0
000
≠4h
X
I
TIR11[5]
0
001
≠4h
X
O
TIR11[5]
0
0
1
0
X
X
I
TIR11[5]
0
0
1
1
X
X
O
TIR11[5]
1
1
X
X
X
X
I
TIR11[5]
1
0
X
0
X
X
I
TIR11[5]
1
0
X
1
X
X
O
TIR11[5]
Pin 98:
ACT
The
ACT pin may be configured for input or output op-
eration. The output drive may be programmed for totem
pole or open drain operation.
ACT pin configuration is
accomplished according to the following table:
Note that a read of the ACT bit (TIR0[6]) will always
give the current
ACT pin value, regardless of pin
configuration setting.
ACTEN
ACT
ACTDR
ACT Pin
ACT Pin
TCR15[1]
TIR0[6]
TCR27[3]
Direction
Value
0X
X
I
NA
1
0
0
OD
float
reset default condition
1
1
0
OD
LOW
1
0
1
O
HIGH
1
1
1
O
LOW
Pin 100:
LNK
The
LNK pin may be configured for input or output op-
eration. The output drive may be programmed for totem
pole or open drain operation.
LNK pin configuration is
accomplished according to the following table:
Note that a read of the LNK bit (TIR0[7]) will always
give the current
LNK pin value, regardless of pin
configuration setting.
LNKEN
LNK
LNKDR
LNK Pin
LNK Pin
TCR13[7]
TIR0[7]
TCR27[4]
Direction
Value
0X
X
I
NA
1
0
0
OD
float
reset default condition
1
1
0
OD
LOW
1
0
1
O
HIGH
1
1
1
O
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com