Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VCW Datasheet(PDF) 87 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 87 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 83Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 84Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 85Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 86Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 87Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 88Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 89Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 90Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 91Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 161 page
background image
P R E L I M I N A R Y
AMD
87
Am79C930
TIR mapping with SIR1 bit 2 (EIOW) set to “0” = normal
TIR window mode. Note that EIOW = 0 is the only setting
of EIOW that is allowed while operating in ISA PnP
mode. TIR uses eight I/O addresses:
TIR
SIR1[1:0]
ISA Plug
80188 Core
Register
(TAI Bank
PCMCIA
and Play
Address in
Number
TIR Register Name
Select)
I/O Address
I/O Address
Memory
0
Network Control
00
0008h
IOBA+0008h
mem 400h
1
Network Status
00
0009h
IOBA+0009h
mem 401h
2
Serial Device
00
000Ah
IOBA+000Ah
mem 402h
3
Fast Serial Port Control
00
000Bh
IOBA+000Bh
mem 403h
4
Interrupt Register 1
00
000Ch
IOBA+000Ch
mem 404h
5
Interrupt Register 2
00
000Dh
IOBA+000Dh
mem 405h
6
Interrupt Mask 1
00
000Eh
IOBA+000Eh
mem 406h
7
Interrupt Mask 2
00
000Fh
IOBA+000Fh
mem 407h
8
Transmit Control
01
0008h
IOBA+0008h
mem 408h
9
Transmit Status
01
0009h
IOBA+0009h
mem 409h
10
TX FIFO Data
01
000Ah
IOBA+000Ah
mem 40Ah
11
Transmit Sequence Control
01
000Bh
IOBA+000Bh
mem 40Bh
12
Byte Counter LSB
01
000Ch
IOBA+000Ch
mem 40Ch
13
Byte Counter MSB
01
000Dh
IOBA+000Dh
mem 40Dh
14
Byte Counter Limit LSB
01
000Eh
IOBA+000Eh
mem 40Eh
15
Byte Counter Limit MSB
01
000Fh
IOBA+000Fh
mem 40Fh
16
Receiver Control
10
0008h
IOBA+0008h
mem 410h
17
Receiver Status
10
0009h
IOBA+0009h
mem 411h
18
RX FIFO Data
10
000Ah
IOBA+000Ah
mem 412h
19
Antenna Slot
10
000Bh
IOBA+000Bh
mem 413h
20
CRC32 Correct Count LSB
10
000Ch
IOBA+000Ch
mem 414h
21
CRC32 Correct Count MSB
10
000Dh
IOBA+000Dh
mem 415h
22
CRC8 Correct Count LSB
10
000Eh
IOBA+000Eh
mem 416h
23
CRC8 Correct Count MSB
10
000Fh
IOBA+000Fh
mem 417h
24
Configuration Index
11
0008h
IOBA+0008h
mem 418h
25
Configuration Data Port
11
0009h
IOBA+0009h
mem 419h
26
Antenna Diversity & A/D
11
000Ah
IOBA+000Ah
mem 41Ah
27
SAR
11
000Bh
IOBA+000Bh
mem 41Bh
28
RSSI Lower Limit
11
000Ch
IOBA+000Ch
mem 41Ch
29
USER Pin Data
11
000Dh
IOBA+000Dh
mem 41Dh
30
Dummy Register
11
000Eh
IOBA+000Eh
mem 41Eh
31
TEST Register
11
000Fh
IOBA+000Fh
mem 41Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com