Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VCW Datasheet(PDF) 90 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 90 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 86Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 87Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 88Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 89Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 90Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 91Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 92Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 93Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 94Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 161 page
background image
AMD
P R E L I M I N A R Y
90
Am79C930
1
RXDRQ
0
Receive FIFO DMA Request. This bit represents the current
value of the RXDRQ signal to the DRQ0 input of the 80188
embedded core.
0
TXDRQ
1
Transmit FIFO DMA Request. This bit represents the current
value of the TXDRQ signal to the DRQ1 input of the 80188
embedded core.
TIR2: Serial Device
TAI Serial Device register. This register is used to con-
trol the serial device interface.
Bit
Name
Reset Value
Description
7
Reserved
–
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
6–4
SDS[3:1]
000b
Serial Device Select. Each of these bits controls one of the Serial
Device Select outputs of the Am79C930. Bit values are inverted as
they appear at the pins. As an example, writing a 1 to the SDS[3] bit
will cause the SDSEL3 output to be driven to a 0.
The value read from SDS[x] will always represent the current value
of the SDSEL[x] pin without inversion. The control of the function of
the SDSEL[x] pins are found in the
Multi-Function Pin section.
3
SDCP
0
Serial Device Clock Auto pulse generation. When set to a 1, this bit
causes the SDCLK pin to become active for the duration of the WR#
signal at the 80188 interface of the TAI whenever the internal
Am79C930 TAI chip select has been activated and the memory bus
address present is 00010b, with higher order bits of MA as DON’T
CARE (i.e., a WRITE to TIR2 is occurring). The value of the SDCLK
pin during this strobe period depends upon the setting of the SDC
bit. The SDC bit gives the “inactive” state of the SDCLK pin. If SDCP
is set to 1, then the SDCLK pin is complemented from its inactive
state while either the 80188 WR# signal is active with the TAI chip
select also active. When SDCP is set to 0, then the SDC bit has di-
rect control of the SDCLK pin.
The value of the SDC bit must not be changed when the SDCP bit is
set to a 1. To change the value of SDC, first set SDCP to a 0.
The complete control of the function of the SDCLK pin is described
in the
Multi-Function Pin section.
2
SDC
0
Serial Device Clock. The SDC bit value is driven onto the SDCLK
pin when the SDCLK pin has been enabled for output.
The value of the SDC bit must not be changed when the SDCP bit is
set to a 1. To change the value of SDC, first set SDCP to a 0.
The value read from SDC will always represent the current value of
the SDCLK pin. The control of the function of the SDCLK pin is de-
scribed in the
Multi-Function Pin section.
1
SDDT
0
Serial Device Data Tristate. When SDDT is set to 1, the SDDATA
pin of the Am79C930 device is tri-stated. When SDDT is set to 0,
the SDDATA pin is driven with the value of the SDD bit.
The complete control of the function of the SDDATA pin is de-
scribed in the
Multi-Function Pin section.
0
SDD
0
Serial Device Data. The SDD bit value is driven onto the SDDATA
pin when the SDDATA pin has been enabled for output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com