Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VCW Datasheet(PDF) 105 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 105 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 101Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 102Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 103Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 104Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 105Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 106Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 107Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 108Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 109Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 161 page
background image
P R E L I M I N A R Y
AMD
105
Am79C930
Programmed
SD[1:0]
Start of Frame Detect Operation
Register
00
Start of Frame Detect Off
None
01
Search for 8 bit Start of Frame Delimiter
TCR10
10
Search for 16 bit Start of Frame Delimiter
TCR9, TCR10
11
Search for 24 bit Start of Frame Delimiter
TCR8, TCR9
TCR10
TCR1: Transmit Configuration
This register is the Transmit Configuration register.
CONFIGURATION REGISTER INDEX:
01h
Bit
Name
Reset Value
Description
7
TXENDCB
0
Transmit Enable DC Bias Control. When TXENDCB is set to a 1,
then the DC Bias Control algorithm is enabled. When TXENDCB is
reset to a 0, then the DC Bias Control algorithm is disabled.
6–5
Reserved
0
Reserved. These bits may be written with any value. The value writ-
ten to these bits will be returned when read. The value of these bits
will not affect device function.
4
TXDI
0
Transmit Data Invert. When set to a 1, the outgoing transmit serial
data stream is inverted. When set to a 0, the outgoing transmit se-
rial data stream is not inverted.
3–2
TXDLC
0
Transmit Data Pin Control. These bits are used to control the state
of the TXDL pin when no transmit activity is present. The following
interpretations have been assigned to these bits:
TXDATA Pin
TXDLC[1:0]
Default state
00
last bit transmitted
01
high impedance
10
low
11
high
1–0
TXDC
01b
Transmit Data Pin Control. These bits are used to control the state
of the TXDL pin when no transmit activity is present. The following
interpretations have been assigned to these bits:
TXDATA pin
TXDC[1:0]
default state
00
last bit transmitted
01
low
10
low
11
high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com