Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VCW Datasheet(PDF) 138 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 138 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 134Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 135Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 136Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 137Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 138Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 139Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 140Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 141Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 142Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 161 page
background image
AMD
P R E L I M I N A R Y
138
Am79C930
MEMORY BUS WRITE ACCESS
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
tmAD
MA[16:0] valid from CLKIN
↓
260
ns
tmCD
CE active delay from CLKIN
↓
Note 1
2
60
ns
tmWD
MWE active delay from CLKIN
↓
260
ns
tmCQ
MD[16:0] driven from CLKIN
↓
2ns
tmCV
MD[16:0] valid from CLKIN
↓
60
ns
tmAS
Address Setup Time to
MWE
↓
TCLKIN-20
ns
tmAW
Address Write Access Time
0 wait states
95
ns
(Note 3)
1 wait state
145
ns
2 wait states
195
ns
tmCW
CE Write Access Time
0 wait states
95
ns
(Notes 1, 3)
1 wait state
145
ns
2 wait states
195
ns
tmWP
MWE Write Access Time
0 wait states
90
ns
(Note 3)
1 wait state
140
ns
2 wait states
190
ns
tmWQ
MWE
↓ to MD[7:0] driven
–10
ns
tmAH
MA[16:0] valid hold from
MWE
↑
TCLKIN-10
ns
tmCH
CE valid hold from MWE
↑
Note 1
TCLKIN-10
ns
tmWI
CE Inactive Time
Note 1, 2
0
ns
tmSW
MD[7:0] valid setup to
MWE
↑
0 wait states
80
ns
1 wait state
130
ns
2 wait states
180
ns
tmHW
MD[7:0] valid hold from
MWE
↑
Note 2
TCLKIN-15
ns
tmHWZ
MD[7:0] inactive from
MWE
↑
Note 2
2 X TCLKIN-10
2 X TCLKIN+10
ns
Notes:
1.
CE = one of: FCE, SCE, XCE
2. Parameter not included in the production test.
3. Value is dependent upon TCLKIN value. Value given is for CLKIN = 40 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com