Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VCW Datasheet(PDF) 143 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 143 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 139Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 140Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 141Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 142Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 143Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 144Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 145Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 146Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 147Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 161 page
background image
P R E L I M I N A R Y
AMD
143
Am79C930
Notes:
1. Only applicable when TXC has been configured as an INPUT.
2. Only applicable when TXC has been configured as an OUTPUT.
3. MIN value not tested.
4. Parameter calculated from other parameters.
5. Clock period must correlate to data rate as specified in DR bits of TCR30. Note that data rate is a function of DR and TCLKIN and
CLKGT20 bit of MIR9.
6. The values for these parameters are given for the case with CLKP = 0 (TCR2[4:0]). For nonzero values of CLKP, use the
following formulas:
If CLKGT20 = 0 (MIR9[7]),
tRXDSmin = 110–CLKP X TCLKIN
tRXDHmin = 10+CLKP X TCLKIN
If CLKGT20 = 1 (MIR9[7]),
tRXDSmin = 110–CLKP X TCLKIN X 2
tRXDHmin = 10+CLKP X TCLKIN X 2
7. Values given are for data rate of 2Mb/s. For other data rates,
TTXC is 1/DR, where DR = data rate in Hertz,
TCLTX is 60% of TTXC minus TTXHL,
TCHTX is 40% of TTXC minus TTXHL,
TTXCO is 1/DR, where DR = data rate in Hertz,
TCLTXO is 60% of TTXCO minus TTXHLO,
TCHTXO is 40% of TTXCO minus TTXHLO,
TTXHLO is 15 ns, regardless of DR value,
TTXLHO is 15 ns, regardless of DR value.
8. Parameter not included in the production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com