Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6321 Datasheet(PDF) 18 Page - Microchip Technology

Part # TC6321
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6321 Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC6321 Datasheet HTML 14Page - Microchip Technology TC6321 Datasheet HTML 15Page - Microchip Technology TC6321 Datasheet HTML 16Page - Microchip Technology TC6321 Datasheet HTML 17Page - Microchip Technology TC6321 Datasheet HTML 18Page - Microchip Technology TC6321 Datasheet HTML 19Page - Microchip Technology TC6321 Datasheet HTML 20Page - Microchip Technology TC6321 Datasheet HTML 21Page - Microchip Technology TC6321 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
TC6321
DS20005724A-page 18
 2017 Microchip Technology Inc.
B
A
0.10 C
0.10 C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
12
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing C04-413A Sheet 1 of 2
2X
8X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
8-Lead Very Thin Plastic Dual Flat, No Lead (9U) - 6x5 mm Body [VDFN]
With Dual Exposed Pads
D
E
A
A3
A1
2X D2
2X E2
4X (K1)
4X (K2)
2X
2X
8X b
0.10
C A B
0.05
C
8X L
e
2
12
N
e
(K3)
(K4)
D
4
E
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com