Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6321 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC6321
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6321 Datasheet(HTML) 3 Page - Microchip Technology

  TC6321 Datasheet HTML 1Page - Microchip Technology TC6321 Datasheet HTML 2Page - Microchip Technology TC6321 Datasheet HTML 3Page - Microchip Technology TC6321 Datasheet HTML 4Page - Microchip Technology TC6321 Datasheet HTML 5Page - Microchip Technology TC6321 Datasheet HTML 6Page - Microchip Technology TC6321 Datasheet HTML 7Page - Microchip Technology TC6321 Datasheet HTML 8Page - Microchip Technology TC6321 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2017 Microchip Technology Inc.
DS20005724A-page 3
TC6321
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Drain-to-Source Voltage..........................................................................................................................................BVDSX
Drain-to-Gate Voltage ............................................................................................................................................ BVDGX
Operating and Storage Temperature.......................................................................................................-55°C to +175°C
† Notice:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
N-CHANNEL DC AND AC ELECTRICAL CHARACTERISTICS
Unless otherwise noted, TA =TJ = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
DC Parameters (Note 1)
Drain-to-Source Breakdown
Voltage
BVDSS
200
—
—
V
VGS = 0V, ID = 2.0 mA
Gate Threshold Voltage
VGS(th)
1.0
—
2.0
V
VGS =VDS, ID = 1.0 mA
Change in VGS(th) with
Temperature
∆VGS(th)
—
—
–4.5
mV/ºC
VGS =VDS, ID = 1.0 mA
(Note 2)
Gate-to-Source Shunt Resistor
RGS
10
—
50
kΩ
IGS = 100 μA
Gate-to-Source Zener Voltage
VZGS
13.2
—
25
V
IGS = 2 mA
Zero Gate Voltage Drain
Current
IDSS
—
—
10.0
μAVDS = 200V
VGS = 0V
——
1.0
mA
VDS = 200V, VGS = 0V
TJ = +125°C (Note 2)
On-State Drain Current
ID(ON)
1.0
—
—
A
VGS =4.5V, VDS = 25V
2.0
—
—
VGS = 10V, VDS = 25V
Static Drain-to-Source On-State
Resistance
RDS(ON)
——
8.0
Ω
VGS = 4.5V, ID =150 mA
——
7.0
VGS = 10V, ID = 1.0A
Change in RDS(ON) with
Temperature
∆RDS(ON)
——
1.0
%/ºC
VGS = 4.5V, ID =150 mA
(Note 2)
AC Parameters (Note 2)
Forward Transconductance
GFS
400
—
—
mmho VGS = 25V, ID= 500 mA
Input Capacitance
CISS
——
110
pF
VGS = 0V
VDS = 25V
f = 1.0 MHz
Common Source Output
Capacitance
COSS
——
60
Reverse Transfer Capacitance
CRSS
——
23
Turn-On Delay Time
td(ON)
——
10
ns
VGS = 10V
VDS = 25V
ID = 1.0A
RGEN = 25Ω
Rise Time
tr
——
15
Turn-Off Delay Time
td(OFF)
——
20
Fall Time
tf
——
15
Note 1:
Unless otherwise stated, all DC parameters are 100% tested at +25°C. Pulse test: 300 µs pulse, 2% duty
cycle.
2:
Specification is obtained by characterization and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com