Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6321 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC6321
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6321 Datasheet(HTML) 4 Page - Microchip Technology

  TC6321 Datasheet HTML 1Page - Microchip Technology TC6321 Datasheet HTML 2Page - Microchip Technology TC6321 Datasheet HTML 3Page - Microchip Technology TC6321 Datasheet HTML 4Page - Microchip Technology TC6321 Datasheet HTML 5Page - Microchip Technology TC6321 Datasheet HTML 6Page - Microchip Technology TC6321 Datasheet HTML 7Page - Microchip Technology TC6321 Datasheet HTML 8Page - Microchip Technology TC6321 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TC6321
DS20005724A-page 4
 2017 Microchip Technology Inc.
Diode Parameters
Diode Forward Voltage Drop
VSD
——
1.8
V
VGS= 0V, ISD= 500 mA
(Note 1)
Reverse Recovery Time
trr
—100
—
ns
VGS = 0V, ISD = 500 mA
diF/dt = 25 A/µ (Note 2)
P-CHANNEL DC AND AC ELECTRICAL CHARACTERISTICS
Unless otherwise noted, TA = TJ = +25°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Condition
DC Parameters (Note 1)
Drain-to-Source Breakdown
Voltage
BVDSS
–200
—
—
V
VGS= 0V, ID= –2.0 mA
Gate Threshold Voltage
VGS(th)
–1.0
—
–2.4
V
VGS =VDS, ID = –1.0 mA
Change in VGS(th) with
Temperature
∆VGS(th)
——
4.5
mV/ºC
VGS =VDS, ID = –1.0 mA
(Note 2)
Gate-to-Source Shunt Resistor
RGS
10
—
50
kΩ
IGS = 100 μA
Gate-to-Source Zener Voltage
VZGS
13.2
—
25
V
IGS = –2 mA
Zero Gate Voltage Drain
Current
IDSS
—
—
–10.0
μAVDS = 200V, VGS = 0V
—
—
–1.0
mA
VDS = 200V, VGS = 0V
TJ = +125°C, (Note 2)
On-State Drain Current
ID(ON)
–1.0
—
—
A
VGS = –4.5V, VDS = –25V
–2.0
—
—
VGS = –10V, VDS = –25V
Static Drain-to-Source On-State
Resistance
RDS(ON)
——
10
VGS = –4.5V, ID = –150 mA
——
8.0
VGS = –10V, ID = –1.0A
Change in RDS(ON) with
Temperature
∆RDS(ON)
——
1.0
%/°C
VGS = –25V, ID = –200 mA
(Note 2)
AC Parameters (Note 2)
Forward Transconductance
GFS
400
—
—
mmho VGS = –25V, ID = –500 mA
Input Capacitance
CISS
——
200
pF
VGS = 0V
VDS = –25V
f = 1.0 MHz
Common Source Output
Capacitance
COSS
——
55
Reverse Transfer Capacitance
CRSS
——
30
Turn-On Delay Time
td(ON)
——
10
ns
VGS = –10V
VDS = –25V
ID = –1.0A
RGEN = 25Ω
Rise Time
tr
——
15
Turn-Off Delay Time
td(OFF)
——
20
Fall Time
tf
——
15
Note 1:
Unless otherwise stated, all DC parameters are 100% tested at +25°C. Pulse test: 300 µs pulse, 2% duty
cycle.
2:
Specification is obtained by characterization and is not 100% tested.
N-CHANNEL DC AND AC ELECTRICAL CHARACTERISTICS (CONTINUED)
Unless otherwise noted, TA =TJ = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Unless otherwise stated, all DC parameters are 100% tested at +25°C. Pulse test: 300 µs pulse, 2% duty
cycle.
2:
Specification is obtained by characterization and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com