Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6321 Datasheet(PDF) 17 Page - Microchip Technology

Part # TC6321
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6321 Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC6321 Datasheet HTML 13Page - Microchip Technology TC6321 Datasheet HTML 14Page - Microchip Technology TC6321 Datasheet HTML 15Page - Microchip Technology TC6321 Datasheet HTML 16Page - Microchip Technology TC6321 Datasheet HTML 17Page - Microchip Technology TC6321 Datasheet HTML 18Page - Microchip Technology TC6321 Datasheet HTML 19Page - Microchip Technology TC6321 Datasheet HTML 20Page - Microchip Technology TC6321 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
 2017 Microchip Technology Inc.
DS20005724A-page 17
TC6321
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
8-Lead VDFN (6 x 5 mm)
Example
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
TC6321
V/9U
1640
256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com