Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6321 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC6321
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6321 Datasheet(HTML) 1 Page - Microchip Technology

  TC6321 Datasheet HTML 1Page - Microchip Technology TC6321 Datasheet HTML 2Page - Microchip Technology TC6321 Datasheet HTML 3Page - Microchip Technology TC6321 Datasheet HTML 4Page - Microchip Technology TC6321 Datasheet HTML 5Page - Microchip Technology TC6321 Datasheet HTML 6Page - Microchip Technology TC6321 Datasheet HTML 7Page - Microchip Technology TC6321 Datasheet HTML 8Page - Microchip Technology TC6321 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TC6321
 2017 Microchip Technology Inc.
DS20005724A-page 1
Features
• Integrated Gate-to-Source Resistor
• Integrated Gate-to-Source Zener Diode
• Low Threshold
• Low On-Resistance
• Low Input Capacitance
• Fast Switching Speeds
• Free from Secondary Breakdown
• Low Input and Output Leakage
• Independent, Electrically Isolated N- and
P-Channels
• 8-Lead Very Thin Plastic Dual Flat, No Lead,
6x 5mm VDFN Package
Applications
• High-Voltage Pulser
•Amplifiers
•Buffers
• Piezoelectric Transducer Drivers
• General-Purpose Line Drivers
• Logic-Level Interfaces
Package Types
Description
The TC6321 consists of high-voltage, low-threshold
N-channel and P-channel MOSFETs in an 8-Lead
VDFN package. Both MOSFETs have integrated
gate-to-source
resistors
and
gate-to-source
Zener diode clamps, which are desired for high-voltage
pulser applications.
The TC6321 is a complimentary,
high-speed,
high-voltage,
gate-clamped
N-
and
P-channel
MOSFET pair, which utilizes an advanced vertical
DMOS structure and the well-proven silicon-gate
manufacturing process. This combination produces a
device with the power-handling capabilities of bipolar
transistors and with the high-input impedance and
positive temperature coefficient inherent in MOS
devices. Characteristic of all MOS structures, this
device is free from thermal runaway and thermally-
induced secondary breakdown.
Vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where very low
threshold voltage, high breakdown voltage, high input
impedance, low input capacitance and fast switching
speeds are desired.
TC6321
6x 5 VDFN*
* Includes Dual Exposed Thermal Pads (EP);
see Table 3-1.
DN
DN
DP
DP
SN
GN
SP
GP
3
4
2
1
5
6
7
8
N- and P-Channel Enhancement-Mode MOSFET Pair


Similar Part No. - TC6321

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TC6320 SUTEX-TC6320 Datasheet
116Kb / 3P
N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320 SUTEX-TC6320 Datasheet
378Kb / 4P
N- and P- Channel Enhancement-Mode Dual MOSFET
TC6320 SUTEX-TC6320 Datasheet
695Kb / 6P
N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320 SUTEX-TC6320 Datasheet
695Kb / 6P
N- and P-Channel Enhancement-Mode MOSFET Pair
logo
Microchip Technology
TC6320 MICROCHIP-TC6320 Datasheet
596Kb / 14P
N-Channel and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
More results

Similar Description - TC6321

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TC6320 SUTEX-TC6320 Datasheet
116Kb / 3P
N- and P-Channel Enhancement-Mode MOSFET Pair
TC7320 SUTEX-TC7320 Datasheet
218Kb / 5P
Six Pair N- and P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
N & P Pair Enhancement Mode MOSFET
SPC4533W SYNC-POWER-SPC4533W Datasheet
370Kb / 10P
N & P Pair Enhancement Mode MOSFET
logo
Supertex, Inc
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
N- and P-Channel Enhancement-Mode MOSFET Pair
logo
SYNC POWER Crop.
SPC6606 SYNC-POWER-SPC6606 Datasheet
590Kb / 9P
N and P Pair Enhancement Mode MOSFET
logo
Supertex, Inc
TC8220 SUTEX-TC8220 Datasheet
585Kb / 6P
Two Pair, N- and P-Channel Enhancement-Mode MOSFET
TC8020 SUTEX-TC8020 Datasheet
684Kb / 8P
Six Pair, N- and P-Channel Enhancement-Mode MOSFET
logo
Microchip Technology
TC6320 MICROCHIP-TC6320 Datasheet
596Kb / 14P
N-Channel and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com