Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6321 Datasheet(PDF) 23 Page - Microchip Technology

Part # TC6321
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6321 Datasheet(HTML) 23 Page - Microchip Technology

Back Button TC6321 Datasheet HTML 18Page - Microchip Technology TC6321 Datasheet HTML 19Page - Microchip Technology TC6321 Datasheet HTML 20Page - Microchip Technology TC6321 Datasheet HTML 21Page - Microchip Technology TC6321 Datasheet HTML 22Page - Microchip Technology TC6321 Datasheet HTML 23Page - Microchip Technology TC6321 Datasheet HTML 24Page - Microchip Technology TC6321 Datasheet HTML 25Page - Microchip Technology TC6321 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
 2017 Microchip Technology Inc.
DS20005724A-page 23
TC6321
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
Device
X/
Temperature
XX
Package
Device:
TC6321T:
N- and P-Channel Enhancement-Mode
MOSFET Pair, Tape and Reel
Temperature:
V
= -55°C to +175°C (Various temperature levels) (1)
Package Type:
9U = Very Thin Plastic Dual Flat, No Lead, VDFN,
8-Lead, 6x5 mm Body, with Dual Exposed Pads
Examples:
a) TC6321T-E/MQ:
Tape and Reel,
Various temperature levels,
8-LD VDFN package
Note
1:
Shipment of these devices may require an
end-use/end-user certificate per SPI-43508.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com